Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS70323R3ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SS70323R3ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS70323R3ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SS70323R3ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS70323R3ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS70323R3ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS70323R3ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS70323R3ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS70323R3ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS70323R3ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
0.75
AR-001A
E400(Y)L , E4008L
E4810
E4010
0.75
NC , BK
0.75
3.0
1.5
3.0
1.5
0.30
NC , BK
NC , BK
0.75
1.5
0.30
3.0
3.0
1.5
0.30
E4008 , E400X
E4008
Mtl Dsg
Thk
Col
NC , BK
NC , WT , BK
0.75
1.5
0.30
3.0
mm
0.30
Min
___
4
3
___
220
220
180
___
94V-0
130
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
130
130
130
130
130
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
220
220
130
220
220
130
220
4
3
130
130
130
130
130
130
130
130
130
130
130
130
130
130
4
0
1
0
4
4
1
2
___
4
4
___
220
180
130
200
200
240
130
240
200
200
130
240
130
240
4
3
2
1
___
4
4
___
2
1
___
4
4
___
___
___
___
___
___
___
___
___
05
0
___
___
5
___
___
4
4
___
___
___
___
___
___
___
___
0
___
___
___
5
___
0
___
___
___
___
5
___
___
4
4
RTI
with
Imp
Flame
94V-0
94V-0
94V-0
94V-0
94V-0
Class
130
130
130
130
130
UL94
Elec
A
W
w/o
130
130
130
130
130
130
130
130
130
Imp
130
4
3
2
1
___
4
4
___
I
___
I
___
Mech
HH
T
9
T
___
___
___
___
___
___
___
0
___
___
5
___
R
___
5
___
4
I
E54705 (M)
V
HD
4C
POWER INDUCTOR
SPECIFICATION FOR APPROVAL
PROD.
NAME
SHIELDED SMD
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
SS7032□□□□L□-□□□
PAGE: 7
20090506-B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com