Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST08061R0ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # ST08061R0ML
Description  SMD TOROIDAL POWER FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST08061R0ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  ST08061R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST08061R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST08061R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST08061R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST08061R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST08061R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST08061R0ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD TOROIDAL POWER FILTER
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
AR-001A
PROD.
NAME
REF :
PAGE: 2
ABC'S ITEM NO.
ABC'S DWG NO.
ST08061R0ML□-□□□
DWG No.
Inductance
( µH )
@10KHz, 0.1 Vrms
110.0
142.0
RDC(mΩ)
max.
35.0
17.0
typ.
28.1
1). □:Packaging information … A:Bulk B:Taping Reel
3). Irms base on Temp. rise 40
typ.
℃
4). Isat base on △L/L0A=35% typ.
ST08066R5ML□-□□□
ST0806220ML□-□□□
Irms(A)
Isat(A)
1.0 ± 20%
6.5 ± 20%
22.0 ± 20%
7.50
2.90
1.50
6.70
3.20
1.40
( Each Winding )
13.0
typ.
typ.
B
A
A
FIG.
5
101
100
10-2
2
3
7
5
7
3
2
5
2
102
3
DC Current (A)
3
25
-1
710
2
10
5
37
2
0
310
7
5
1
220
@ Inductance VS. DC Current Curve
@ DC Current VS. Temp. Rise ( T) Curve
△
101
2
3
7
10
10-2
10-1
0
5
3
7
10
3
2
7
5
DC Current (A)
5
3
22
-1
710
10
7
5
33
2
0
1R0
6R5
7
2
5
3
102
1
710
5
220
6R5 1R0
ST0806□□□□L□-□□□
2). "-
":Reference code
□□□
20070821-A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com