Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS1005100ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS1005100ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS1005100ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS1005100ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS1005100ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS1005100ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS1005100ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS1005100ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS1005100ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS1005100ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS1005100ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
390.0±10%
330.0±10%
270.0±10%
2)."-
":Reference code
1). □:Packaging information… A:Bulk
B:Taping Reel
2200.0±10%
2700.0±10%
3300.0±10%
1800.0±10%
1500.0±10%
1200.0±10%
1000.0±10%
820.0±10%
680.0±10%
560.0±10%
470.0±10%
AR-001A
SS1005122KL□-□□□
SS1005332KL□-□□□
SS1005272KL□-□□□
SS1005222KL□-□□□
SS1005182KL□-□□□
SS1005152KL□-□□□
□
□□
SS1005102KL□-□□□
SS1005821KL□-□□□
SS1005681KL□-□□□
SS1005561KL□-□□□
SS1005471KL□-□□□
SS1005391KL□-□□□
SS1005331KL□-□□□
SS1005271KL□-□□□
0.252M
58
1K
55
50
65
55
53
0.252M
1K
0.252M
1K
0.252M
0.252M
0.252M
1K
1K
1K
37
65
37
40
25
40
30
30
0.796M
0.252M
0.796M
0.796M
1K
1K
1K
1K
0.796M
0.796M
0.796M
0.796M
1K
1K
1K
1K
2.0
0.20
3.600
0.14
0.12
0.10
0.16
0.17
8.600
1.2
10.000
1.2
6.500
5.200
5.700
1.4
1.4
1.6
0.30
0.22
0.24
0.26
0.28
0.33
0.35
0.40
2.300
3.200
2.600
1.800
2.5
2.0
2.6
2.7
1.600
1.400
1.200
1.100
3.0
4.2
4.5
4.8
22.0±15%
33.0±15%
27.0±15%
56.0±15%
47.0±15%
39.0±15%
82.0±15%
68.0±15%
120.0±10%
100.0±10%
150.0±10%
180.0±10%
220.0±10%
18.0±15%
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
7.0±20%
4.7±20%
3.0±20%
12.0±20%
15.0±20%
10.0±20%
2.2±20%
Inductance
POWER INDUCTOR
1.0±20%
1.5±20%
SPECIFICATION FOR APPROVAL
SS1005470YL□-□□□
SS1005221KL□-□□□
SS1005181KL□-□□□
SS1005151KL□-□□□
SS1005121KL□-□□□
SS1005101KL□-□□□
SS1005820YL□-□□□
SS1005680YL□-□□□
SS1005560YL□-□□□
SS1005390YL□-□□□
SS1005330YL□-□□□
SS1005270YL□-□□□
SS1005220YL□-□□□
SS1005180YL□-□□□
SS1005150ML□-□□□
SS1005120ML□-□□□
SS1005100ML□-□□□
SS10057R0ML□-□□□
SS10054R7ML□-□□□
SS10053R0ML□-□□□
SS10052R2ML□-□□□
SS10051R5ML□-□□□
SS10051R0ML□-□□□
DWG No.
SHIELDED SMD
NAME
PROD.
REF :
25.0
20.0
30.0
17.0
15.0
18.0
11.0
12.0
13.0
19.0
35
1K
2.520M
35
28
30
28
30
35
35
35
1K
0.796M
0.796M
0.796M
0.796M
0.796M
1K
1K
1K
1K
2.520M
2.520M
2.520M
1K
1K
1K
40
40
40
42
35
40
48
45
2.520M
2.520M
2.520M
2.520M
1K
1K
1K
1K
2.520M
2.520M
2.520M
2.520M
1K
1K
1K
1K
0.190
1.00
0.90
0.68
0.60
0.75
0.50
0.55
0.45
0.82
0.420
7.5
0.460
0.700
0.520
0.800
6.2
5.8
5.2
7.2
0.210
0.380
0.340
9.0
8.0
1.80
1.70
2.00
1.30
1.05
1.20
1.40
1.60
0.160
0.120
0.100
0.180
0.085
0.080
0.065
0.090
SRF
( MHz )
nom
50.0
32.0
80.0
90.0
100.0
120.0
25
25
22
25
25
( μH )
ref.
25
Q
7.960M
1K
7.960M
7.960M
7.960M
7.960M
1K
1K
1K
1K
Test Freq. ( Hz )
7.960M
L
1K
Q
ABC'S DWG NO.
ABC'S ITEM NO.
IDC
( A )
max
2.50
2.20
2.90
3.10
3.60
4.50
0.020
0.055
0.040
0.030
0.027
max
( Ω )
RDC
0.017
SS1005□□□□L□-□□□
PAGE: 2
20091110-B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com