Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST08066R5ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # ST08066R5ML
Description  SMD TOROIDAL POWER FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST08066R5ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  ST08066R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST08066R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST08066R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST08066R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST08066R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST08066R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST08066R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REF : 20070821-A
PAGE: 1
SPECIFICATION FOR APPROVAL
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
Ⅲ﹒
MATERIALS:
Ⅳ﹒
GENERAL SPECIFICATION:
a﹒Core:Iron Toroidal Core
b﹒Case:PPS-R7
c﹒Operating Temp.:-25℃----+130℃
b﹒Storage Temp.:-40℃ ----+130℃
a﹒Temp. Rise :40℃ typ.
d﹒Resistance To Solder Heat:260℃.10 Secs.
m / m
B :
8.40 ± 0.3
C :
6.10 typ.
D :
6.80 typ.
d﹒Adhesive:Epoxy resin
c﹒Wire:Enamelled Copper Wire ( class F )
A' :
8.70 max.
m / m
m / m
m / m
a
c
b
AR-001A
INDUCTANCE CODE
MARKING
6R5
1
2
4
3
100
0
50
50
150
250
200
Rising Area
Temperature
+4.0
/ sec max.
℃
Forced Cooling Area
-(1.0 ~ 5.0)
/ sec max.
℃
Peak Temperature:
Time ( seconds )
100
150
200
50sec max.
70sec max.
260℃
150 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
+2.0 ~ 4.0℃
Reflow Area
250
230℃
Max time above 230℃ :50sec max.
Peak Temp:260℃ max.
Max time above 200℃ :70sec max.
2
3
2
3
1
4
1
4
(FIG. A)
(FIG. B)
C' :
6.70 max.
m / m
D
B
A :
8.40 ± 0.2
m / m
6.8
1.52
SMD TOROIDAL POWER FILTER
1
2
4
3
(FIG. A)
(FIG. B)
ST0806□□□□L□-□□□
e﹒ Remark:Products comply with RoHS'
requirements
( PCB Pattern )
6.8
1.52
6R5
(FIG. A)
(FIG. B)


Similar Part No. - ST08066R5ML

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
ST0805XR104K101 MERITEK-ST0805XR104K101 Datasheet
1Mb / 10P
Soft Termination Multilayer Ceramic Chip Capacitors
logo
New Jersey Semi-Conduct...
ST080S02P NJSEMI-ST080S02P Datasheet
53Kb / 1P
20 STERN ave.
ST080S04P NJSEMI-ST080S04P Datasheet
53Kb / 1P
20 STERN ave.
ST080S06P NJSEMI-ST080S06P Datasheet
53Kb / 1P
20 STERN ave.
ST080S08P NJSEMI-ST080S08P Datasheet
53Kb / 1P
20 STERN ave.
More results

Similar Description - ST08066R5ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
ST12094R7ML ABC-ST12094R7ML Datasheet
540Kb / 7P
SMD TOROIDAL POWER FILTER
ST14093R3ML ABC-ST14093R3ML Datasheet
530Kb / 7P
SMD TOROIDAL POWER FILTER
ST15101R2ML ABC-ST15101R2ML Datasheet
490Kb / 7P
SMD TOROIDAL POWER FILTER
ST17112R8ML ABC-ST17112R8ML Datasheet
519Kb / 7P
SMD TOROIDAL POWER FILTER
ST18102R6ML ABC-ST18102R6ML Datasheet
560Kb / 7P
SMD TOROIDAL POWER FILTER
ST20122R8ML ABC-ST20122R8ML Datasheet
570Kb / 8P
SMD TOROIDAL POWER FILTER
ST2412100ML ABC-ST2412100ML Datasheet
606Kb / 8P
SMD TOROIDAL POWER FILTER
logo
Allied Components Inter...
SMTC3726-3R8M-RC ALLIED-SMTC3726-3R8M-RC Datasheet
369Kb / 1P
SMD TOROIDAL CHOKES
SMTC3726 ALLIED-SMTC3726 Datasheet
361Kb / 1P
SMD TOROIDAL CHOKES
SMTC3752 ALLIED-SMTC3752 Datasheet
1Mb / 1P
SMD TOROIDAL CHOKE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com