Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST0806220ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # ST0806220ML
Description  SMD TOROIDAL POWER FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST0806220ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  ST0806220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST0806220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST0806220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST0806220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST0806220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST0806220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST0806220ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
130
Str
220
220
220
220
220
200
220
220
200
Underwriters Laboratories Inc.
Polyphenylene sulfide (PPS), glass reintorced, designated "RYTON", furnished as pellets.
Polyphenylene sulfide (PPS), glass reintorced, mineral reinforced, designated "RYTON", furnished as pellets.
200
200
0.71
V-0
NC,BK,TN
AR-001A
R-7
Sunday,August 23, 1998
3.0
6.0
1.5
0.71
V-0
V-0
V-0
V-0
6.0
1.5
3.0
1.8
V-0, 5VA
V-0, 5VA
5VA
V-0
220
220
220
200
220
220
220
200
220
220
220
220
200
200
200
200
NC
Component-Plastics
Col
CHEVRON PHILLIPS CHENICAL CO L P
Mti Dsg
R-4-230NA
QMFZ2
Wednesday,January 22, 2003
mm
0.38
Thk
Min
Class
V-0
Flame
UL94
130
Elec
Imp
130
Mech
RTI
4
41
4
5
—
1
R
—
1
1
5
0
0
05
0
0
0
0
5
5
—
0
—
0
0
5
4
0
4
4
4
0
0
5
5
5
3
3
3
3
4
4
4
4
E54700
—
A
H
I
—
H
W
5
R
I
45
H
T
V4
9
D
I
4
T
C
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
SMD TOROIDAL POWER FILTER
PROD.
NAME
REF :
PAGE: 7
ST0806□□□□L□-□□□
20070821-A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com