Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6038220ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SS6038220ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS6038220ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SS6038220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS6038220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS6038220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS6038220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS6038220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS6038220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS6038220ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS6038220ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
G :
2.4 ref.
SPECIFICATION FOR APPROVAL
A :
6.0 ±0.3
E :
1.9 typ.
D :
2.0 ±0.3
C :
3.8 ±0.3
B :
6.0 ±0.3
a﹒Core:Ferrite DR core
c﹒Wire:Enamelled copper wire (class F)
d﹒Base:LCP Base
e
Ⅲ﹒MATERIALS LIST:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒MECHANICAL DIMENSIONS:
NAME
PROD.
REF :
SHIELDED SMD POWER INDUCTOR
ABC'S ITEM NO.
ABC'S DWG NO.
a
b
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1
( PCB Pattern Suggestion )
e﹒Terminal:Cu/Ni/Sn
d
f﹒Adhesive :Epoxy resin
b﹒Core:Ferrite RI core
c
m/m
H :
6.7 ref.
m/m
I :
2.3 ref.
J :
2.1 ref.
m/m
F :
2.2 ref.
m/m
101
D
G
A
f
Rising Area
Temperature
+4.0
/ sec max.
℃
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
50
150
100
200
250
Ⅳ﹒GENERAL SPECIFICATION:
a﹒Storage Temp.:-40℃ ----+125℃
b﹒Operating Temp.:-40℃----+125℃
c﹒Resistance to solder heat :260℃.10 secs.
( Temp. rise Included )
0
-(1.0 ~ 5 .0 )
/ sec max.
℃
Forced Cooling Area
230℃
250
Time ( seconds )
50
100
150
200
50sec max.
70sec max.
1 50 ~ 200
/ 60 ~ 120sec
℃
Preheat Area
+2.0 ~ 4.0℃
/ sec max.
Reflow Area
Peak Temperature:
260℃
SS6038□□□□L□-□□□
AR-001A
g﹒Remark:Products comply with RoHS'
requirements
20081111-A


Similar Part No. - SS6038220ML

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SS60 RECTRON-SS60 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
List of Unclassifed Man...
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
Slide Switch
logo
ABC Taiwan Electronics ...
SS6028100ML ABC-SS6028100ML Datasheet
151Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS6028101ML ABC-SS6028101ML Datasheet
151Kb / 7P
SHIELDED SMD POWER INDUCTOR
SS6028102ML ABC-SS6028102ML Datasheet
151Kb / 7P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SS6038220ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com