Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7032101ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS7032101ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS7032101ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS7032101ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS7032101ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS7032101ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS7032101ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS7032101ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS7032101ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS7032101ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWER INDUCTOR
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
REF :
PROD.
NAME
SHIELDED SMD
ABC'S DWG NO.
ABC'S ITEM NO.
PAGE: 2
SS7032□□□□L□-□□□
AR-001A
3). L Test Freq.:1KHz / 0.5V
4). Irms base on Temp. rise 30
max.
℃
1). □:Packaging Information… A:Bulk
B:Taping Reel
5). Isat base on
L/L0A=10% typ.
△
10
10
0
1
10
10
2
10
3
470
DC Current ( A )
-2
-1
10
3R3
10
0
102
1
10
@ Inductance VS. DC Superposition Characteristics
47.0±20%
1000.0±20%
6.8±20%
4.7±20%
3.3±20%
22.0±20%
33.0±20%
15.0±20%
68.0±20%
100.0±20%
150.0±20%
220.0±20%
330.0±20%
470.0±20%
680.0±20%
10.0±20%
SS7032150ML□-□□□
SS7032221ML□-□□□
SS7032102ML□-□□□
SS7032681ML□-□□□
SS7032471ML□-□□□
SS7032331ML□-□□□
SS7032470ML□-□□□
SS7032330ML□-□□□
SS7032220ML□-□□□
SS7032680ML□-□□□
SS7032101ML□-□□□
SS7032151ML□-□□□
SS70323R3ML□-□□□
SS70324R7ML□-□□□
SS7032100ML□-□□□
SS70326R8ML□-□□□
DWG No.
Inductance
(uH)
22
32.0
1.20
0.095
1.10
2.52
0.270
5.400
0.200
0.135
0.380
0.800
0.540
2.400
1.900
1.300
3.750
47
7.5
0.796
0.252
0.796
0.796
0.796
120
34
58
46
3.1
6.1
5.1
3.8
2.52
2.52
2.52
0.796
0.796
2.52
26
28
35
22
23
20
18.0
16.0
10.0
12.0
29.0
20.0
0.32
0.30
0.14
0.20
0.15
0.24
0.15
0.16
0.22
0.20
0.70
1.05
0.86
0.50
0.38
0.67
0.67
0.45
0.60
0.37
0.96
0.76
(Ω)
max.
RDC
0.068
0.054
0.042
0.027
Test Freq.
(MHz)
7.96
7.96
2.52
7.96
16
17
25
16
Q
ref.
55.0
43.0
35.0
37.0
SRF
typ.
(MHz)
(A)
Isat
2.00
1.60
1.80
2.20
2.40
1.60
2.00
1.40
(A)
Irms
2)."-
":Reference code
□□□
20090506-B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com