Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6038151ML Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SS6038151ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS6038151ML Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SS6038151ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS6038151ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS6038151ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS6038151ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS6038151ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS6038151ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS6038151ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS6038151ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
1.5
AR-001A
E400(Y)L , E4008L
E4810
E4010
1.5
NC , BK
1.5
3.0
3.0
0.30
0.75
NC , BK
NC , BK
1.5
0.30
0.75
3.0
3.0
0.75
0.30
E4008 , E400X
Mtl Dsg
E4008
mm
Col
NC , BK
NC , WT , BK
1.5
0.75
0.30
3.0
0.30
0.75
Thk
Min
___
4
2
___
240
220
200
___
94V-0
130
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
130
130
130
130
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
220
130
130
220
130
220
220
4
2
130
130
130
130
130
130
130
130
130
130
130
130
4
0
14
1
0
___
4
4
___
240
200
130
130
200
130
130
240
200
180
130
130
220
240
4
2
3
1
___
4
4
___
3
1
___
4
4
___
___
___
___
05
___
___
___
0
___
___
___
5
4
4
___
___
___
___
___
___
___
___
___
___
___
0
___
___
___
5
___
___
0
___
___
5
4
4
RTI
with
Imp
Class
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
220
130
130
130
130
Flame
UL94
Elec
I
I
Imp
130
130
180
130
130
130
220
130
130
130
130
130
4
2
3
1
___
4
4
___
3
___
4
___
Mech
w/oW
H
A
H
I
5
R
___
___
___
___
___
___
___
___
___
___
0
___
5
___
___
___
___
4
C
E54705 (M)
V
T
HD
9
4
T
SHIELDED SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
PROD.
NAME
Ⅸ﹒UL CARD:
REF :
SS6038□□□□L□-□□□
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 7
20081111-A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com