Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1510140ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # ST1510140ML
Description  SMD TOROIDAL POWER FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST1510140ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  ST1510140ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST1510140ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST1510140ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST1510140ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST1510140ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST1510140ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST1510140ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ST1510□□□□L□-□□□
Components
200 m/m min.
no component
Leader
400 m/m min.
User direction of feed
no component
Trailer
13±0.5
SMD TOROIDAL POWER FILTER
(
2) Dimensions : (m/m)
Q'TY (pcs)
(
3) Q'TY & G.W. Per package :
SPECIFICATION FOR APPROVAL
(
1) Configuration
2.0±0.5
C
∮
Ⅵ﹒
PACKAGING INFORMATION:
AR-001A
Type
ST1510
200
13 - 32
Style
330
A
End
NAME
PROD.
REF :
Outer : Carton
Inner : Reel
G.W. (gw)
800
13 - 32
Style
21±0.8
BC
800
Q'TY (pcs)
5.0
G.W. (kg)
32
D
34
+0
G
Size (cm)
40 x 40 x 24
-0
100
N
38.4
T
1R2
Carrier tape width : D
※
Embossed carrier
P: 24m/m
G
4 m/m
1R2
1R2
1R2
ABC'S DWG NO.
ABC'S ITEM NO.
T
Start
D
PAGE: 4
Cover Tape
20070821-A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com