Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6038101ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS6038101ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS6038101ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS6038101ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS6038101ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS6038101ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS6038101ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS6038101ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS6038101ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS6038101ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS6038101ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.10
0.22
(A)
Isat
3.40
2.20
2.65
4.00
1.60
1.90
1.30
0.65
0.45
0.55
0.85
0.32
0.27
0.38
SS6038150ML□-□□□
SS6038331ML□-□□□
5). Isat base on
L/L0A=25% Max.
△
SS60381R0ML□-□□□
SS60381R5ML□-□□□
SS60383R3ML□-□□□
SS60382R2ML□-□□□
SS6038100ML□-□□□
SS60386R8ML□-□□□
SS60384R7ML□-□□□
SS6038220ML□-□□□
SS6038330ML□-□□□
SS6038470ML□-□□□
SS6038680ML□-□□□
SS6038221ML□-□□□
SS6038151ML□-□□□
SS6038101ML□-□□□
1). □:Packaging Information… A:Bulk
B:Taping Reel
4). Irms base on Temp. rise 40
Max.
℃
3). L Test Freq.:1KHz / 0.5V
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
0.050
2.00
22.0±20%
100.0±20%
150.0±20%
220.0±20%
330.0±20%
47.0±20%
33.0±20%
68.0±20%
0.900
1K
1.850
1.250
1K
1K
0.23
0.29
0.34
0.100
0.065
0.150
0.300
0.220
0.570
0.390
1K
1K
1K
1K
1K
1K
1K
0.85
0.70
0.60
0.46
1.15
1.00
1.80
Inductance
DWG No.
6.8±20%
15.0±20%
10.0±20%
4.7±20%
3.3±20%
(uH)
RDC
Irms
Test Freq.
(Ω)
max.
0.033
0.030
0.020
0.018
0.040
1K
1K
1K
1K
1K
1K
(Hz)
2.70
2.20
2.50
(A)
3.40
3.70
SHIELDED SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
REF :
NAME
PROD.
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
SS6038102ML□-□□□
SS6038471ML□-□□□
SS6038681ML□-□□□
680.0±20%
1000.0±20%
470.0±20%
1K
5.800
1K
1K
3.800
2.700
0.17
0.15
0.14
0.13
0.20
0.19
1.0±20%
1.5±20%
2.2±20%
SS6038□□□□L□-□□□
AR-001A
2)."-
":Reference code
□□□
20081111-A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com