Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS60281R5ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SS60281R5ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS60281R5ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SS60281R5ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS60281R5ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS60281R5ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS60281R5ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS60281R5ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS60281R5ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS60281R5ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Outer : Carton
AR-001A
A
330
178
1,500
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
SS6028
SS6028
Series
( 2 ) Dimensions
Style
07 - 16
13 - 16
G.W. (gw)
400
700
180
Inner : Reel
Q'TY (pcs)
Style
13 - 16
07 - 16
9,000
16,000
User direction of feed
21±0.8
21±0.8
B
13
13±0.5
C
16
16
D
40 x 40 x 24
Size (cm)
42 x 41 x 24
G.W. (Kg)
4.2
7.2
18
18
+0
G
+0
50
50
-0
N
-0
20.5
22.4
T
Unit:m/m
Carrier tape width : D
※
Components
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
220 m/m min.
End
no component
Leadr
P:12 m/m
100
100
100
G
C
∮
4 m/m
2.0±0.5
Ⅵ﹒PACKAGING INFORMATION:
SHIELDED SMD POWER INDUCTOR
( 1 ) Configuration
REF : 20081111-B
NAME
PROD.
T
Start
no component
Trailer
400 m/m min.
100
Embossed carrier
D
Cover tape
SS6028□□□□L□-□□□
PAGE: 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com