Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1510430ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # ST1510430ML
Description  SMD TOROIDAL POWER FILTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST1510430ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  ST1510430ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST1510430ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST1510430ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST1510430ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST1510430ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST1510430ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST1510430ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
( Each Winding )
2R3
-1
10
1
0
DC Current ( A )
10
10
1R2
@ Inductance VS. DC Superposition Characteristics
140
7R5
430
500
ST1510□□□□L□-□□□
2). "-
":Reference code
□□□
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
FIG.
A
A
A
A
B
B
SMD TOROIDAL POWER FILTER
10
2
10
2
10
1
10
-1
10
0
SPECIFICATION FOR APPROVAL
AR-001A
PROD.
NAME
REF :
PAGE: 2
ABC'S ITEM NO.
ABC'S DWG NO.
ST15101R2ML□-□□□
DWG No.
Inductance
( µH )
@10KHz, 0.1 Vrms
10.1
13.5
RDC(mΩ)
max.
13.5
10.0
typ.
10.3
7.8
1). □:Packaging information … A:Bulk B:Taping Reel
3). Irms base on Temp. rise 40
typ.
℃
4). Isat base on △L/L0A=30% typ.
ST15102R3ML□-□□□
ST1510140ML□-□□□
ST15107R5ML□-□□□
Irms(A)
Isat(A)
ST1510500ML□-□□□
ST1510430ML□-□□□
5). Test equipment : Inductance (WK-3260B)
RDC (CH-502-AC)
1.2 ± 20%
2.3 ± 20%
14.0 ± 20%
7.5 ± 20%
43.0 ± 20%
50.0 ± 20%
19.2
24.0
47.0
44.7
56.0
60.0
12.5
9.0
5.5
3.4
1.9
1.75
10.0
9.5
7.8
5.4
3.5
3.3
20070821-A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com