Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20127R0ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # ST20127R0ML
Description  SMD TOROIDAL POWER FILTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ST20127R0ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  ST20127R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ST20127R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ST20127R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ST20127R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ST20127R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ST20127R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ST20127R0ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp ST20127R0ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ⅵ﹒
PACKAGING INFORMATION:
C
∮
2.0±0.5
(
1) Configuration
T
Cover Tape
Embossed carrier
Carrier tape width : D
※
G
D
SPECIFICATION FOR APPROVAL
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 4
PROD.
NAME
G.W. (gw)
750
Inner : Reel
(
3) Q'TY & G.W. Per Package :
ST2012
150
Type
Q'TY (pcs)
Outer : Carton
13 - 32
600
4.2
Q'TY (pcs)
Style
G.W. (kg)
40 x 40 x 24
Size (cm)
21±0.8
Style
13 - 32
330
AB
C
32
+0
34
DG
-0
100
38.4
NT
AR-001A
(
2) Dimensions : (m/m)
SMD TOROIDAL POWER FILTER
Start
P: 24m/m
End
2R8
4 m/m
2R8
2R8
2R8
Components
200 m/m min.
no component
Leader
400 m/m min.
User direction of feed
no component
Trailer
ST2012□□□□L□-□□□
13±0.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com