Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7045390ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SS7045390ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS7045390ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SS7045390ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS7045390ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
0.7967
120.0±20%
0.500
0.600
0.420
30
SS7045121ML□-□□□
2.200
1.600
1.000
0.700
0.660
0.700
1.100
0.730
0.480
2.400
1.600
AR-001A
Isat base on △L/L0A=25% typ. (271M~102M)
5). Isat base on △L/L0A=10% typ. (1R0M~221M)
2)."-
":Reference code
1). □:Packaging Information… A:Bulk
B:Taping Reel
4). Irms base on Temp. rise 30
max.
℃
3). L Test Freq.:1KHz / 0.5V
□
□
□
SS7045821ML□-□□□
SS7045102ML□-□□□
SS7045681ML□-□□□
SS7045271ML□-□□□
SS7045561ML□-□□□
SS7045391ML□-□□□
SS7045331ML□-□□□
SS7045471ML□-□□□
SS7045181ML□-□□□
SS7045151ML□-□□□
SS7045221ML□-□□□
1000.0±20%
820.0±20%
680.0±20%
90
26
65
0.252
0.796
0.796
3
3
3
30
270.0±20%
560.0±20%
470.0±20%
390.0±20%
330.0±20%
27
80
27
65
180.0±20%
220.0±20%
150.0±20%
52
44
51
0.796
5
0.796
0.796
0.796
0.796
4
3
5
4
0.796
0.796
0.796
5
5
7
0.250
0.260
0.270
0.150
0.175
0.200
0.300
0.425
0.300
0.320
0.350
0.400
0.200
0.220
0.230
0.250
0.475
0.450
0.530
0.375
0.360
0.410
0.280
0.200
0.130
0.110
0.070
0.050
0.062
0.115
0.082
0.042
0.150
0.210
0.300
0.020
0.022
0.027
0.030
RDC
max.
(Ω)
0.041
0.035
0.036
0.033
SPECIFICATION FOR APPROVAL
35
7.96
12
5.6±20%
SS70455R6ML□-□□□
SS7045270ML□-□□□
SS7045560ML□-□□□
SS7045820ML□-□□□
SS7045101ML□-□□□
SS7045680ML□-□□□
SS7045390ML□-□□□
SS7045330ML□-□□□
SS7045470ML□-□□□
SS7045120ML□-□□□
SS7045180ML□-□□□
SS7045150ML□-□□□
SS7045220ML□-□□□
SS7045100ML□-□□□
SS70458R2ML□-□□□
SS70456R8ML□-□□□
25
2.52
18
27.0±20%
21
56.0±20%
82.0±20%
100.0±20%
68.0±20%
20
40
22
39.0±20%
47.0±20%
33.0±20%
26
29
25
11
2.52
2.52
0.796
2.52
8
8
10
2.52
2.52
2.52
13
11
12
27
12.0±20%
18.0±20%
22.0±20%
15.0±20%
29
26
31
8.2±20%
10.0±20%
6.8±20%
10
30
10
23
2.52
2.52
2.52
2.52
21
18
24
7.96
2.52
7.96
30
25
30
SHIELDED SMD
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
POWER INDUCTOR
SS70453R3ML□-□□□
SS70453R9ML□-□□□
SS70452R2ML□-□□□
SS70454R7ML□-□□□
DWG No.
SS70451R0ML□-□□□
NAME
PROD.
REF : 20090814-C
3.9±20%
4.7±20%
2.2±20%
3.3±20%
12
12
10
12
(uH)
1.0±20%
Inductance
ref.
10
Q
7.96
7.96
7.96
7.96
38
35
50
45
(MHz)
7.96
Test Freq.
(MHz)
typ.
60
SRF
ABC'S ITEM NO.
ABC'S DWG NO.
2.400
2.200
1.250
1.000
0.700
0.850
0.700
0.650
0.770
0.550
0.500
0.600
1.100
0.950
1.150
0.800
0.780
0.900
1.700
1.850
1.500
1.350
1.600
1.375
1.000
1.475
2.100
2.000
2.200
1.850
1.700
2.000
2.750
2.600
2.800
2.800
2.500
2.300
2.600
2.800
(A)
3.500
Irms
(A)
4.500
Isat
PAGE: 2
SS7045□□□□L□-□□□



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com