Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS70452R2ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SS70452R2ML
Description  SHIELDED SMD POWER INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SS70452R2ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SS70452R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SS70452R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SS70452R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SS70452R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SS70452R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SS70452R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SS70452R2ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp SS70452R2ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
180
___
Polyamide
Polyesterimide
____
EILOCKY
MW77C
MW26C
MW79
ANSI
MW2-C
MW80C
MW75C
Type
MW26C
MW79-C
MW24-C
MW74-C
MW27-C
MW27-C
MW28-C
MW28-C
, material designation or marked designation on packaed or reel, and
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signi-
Recognized Component Mark.
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI.
Marking: Company name or trademarks
fies base coated magnet wire twisted together and covered with top coat overall.
See General Information Preceding These Recognitions
AR-001A
287806002
Page 2 of 2
or 榮星電線
Mtl
SFFY
UEW-1
UEW-2
UEY
UEY-2
UEW-4
Dsg
SFFW
287806002
SF.BW@
PEY
SF.BY@
SF.FLY@
SF.EIW
SF.EILOCKBS
SF.EILOCKY#
SF.BLOCKBS
SF.FLW
EILOCKW
EIW
EIW-2
PEW
LSUEW
LSFFW
FL.EILOCKY
Polyamide
Page 1 of 2
Coat Typ
Mark
____
____
____
____
____
Dsg
____
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
Polyurethane
BC
Modified Polyester
____
____
Polyurethane
Polyamide
Nylon
Polyamide
____
____
____
OC
___
____
Polyester
____
Modified Polyester
Modified Polyester
Modified Polyester
____
____
____
____
____
____
Modified
Polyester
Polyesterimide
Polyesterimide
Polyesterimide
Polyesterimide
Modified Polyester
____
____
____
____
____
____
____
Polyester
Polyurethane
Polyurethane
Polyesterimide
Polyesterimide
Polyesterimide
Nylon
____
Nylon
Nylon
Polyamide
Polyamide
Modified
Modified
____
___
___
___
Modified
Polyamide
Epoxy
____
____
____
____
____
___
___
___
___
OBMW2⁄E174837
September 8 , 2000
Temp
130
130
130
130
Class
155
105
committed to quality service
dedicated to public safety and
A not-for-profit organization
155
155
155
155
155
180
180
155
180
155
155
155
130
155
200
220
200
SPECIFICATION FOR APPROVAL
Type
ANSI
MW35C
MW75C
MW81-C
POWER INDUCTOR
SHIELDED SMD
HSIEN TAIWAN
Magnet Wire-Component
JUNG SHING WIRE CO LTD
231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN
EIAIW
CFUEWB
AIW
Dsg
Mtl
OBMW2
PROD.
NAME
Ⅸ﹒UL CARD:
Coat Typ
September 8, 2000
Polyamideimide
____
Dsg
____
____
____
Mark
BC
Polyurethane
Polyesterimide
Polyamideimide
____
OC
____
___
ABC'S DWG NO.
ABC'S ITEM NO.
REF : 20090814-C
Class
200
130
220
Temp
E174837
SS7045□□□□L□-□□□
PAGE: 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com