Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW160830NJL Datasheet(PDF) 5 Page - ABC Taiwan Electronics Corp

Part # SW160830NJL
Description  WOUND CHIP INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW160830NJL Datasheet(HTML) 5 Page - ABC Taiwan Electronics Corp

  SW160830NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW160830NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW160830NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW160830NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW160830NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW160830NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW160830NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW160830NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp SW160830NJL Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
User direction of feed
Unit:m/m
12.5
AR-001A
G.W. (gw)
Inner : Reel
SW1608
( 3 ) Q'TY & G.W. Per package
Series
3,000
Q'TY (pcs)
95
Style
07 - 08
( 2 ) Dimensions
178
A
21±0.8
B
07 - 08
Style
150,000
Q'TY (pcs)
7.30
G.W. (Kg)
41 x 39x 22
Size (cm)
Outer : Carton
13
C
8
D
+0
10
G
50
-0
NT
SW1608□□□□L□-□□□
Trailer
400 m/m min.
no component
Cover Tape
Components
P:4 m/m
End
Leader
no component
200 m/m min.
C
∮
4 m/m
G
Embossed Carrier
Carrier tape width : D
※
SPECIFICATION FOR APPROVAL
WOUND CHIP INDUCTOR
Ⅶ﹒PACKAGING INFORMATION:
( 1 ) Configuration
2.0±0.5
REF : 20090828-C
PROD.
NAME
T
ABC'S DWG NO.
ABC'S ITEM NO.
Start
D
PAGE: 5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com