Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW20222N2DL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SW20222N2DL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW20222N2DL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SW20222N2DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW20222N2DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW20222N2DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW20222N2DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW20222N2DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW20222N2DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW20222N2DL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW20222N2DL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
appearance.
have 90% min. solder
The metalized area must
coverage
more than ±5%
more than±10%
3.Q shall not change
2.Inductance shall not change
After test,Inductors shall be no
evidence of electrical and
mechanical damage
1.There shall be no case
deformation or change in
1000 MΩ min.
mechanical damage
evidence of electrical and
After test,Inductors shall be no
20
max.
℃
Solderability test
(Low frequency )
soldering heat
Resistance to
Vibration test
voltage test
(Low frequency)
Vibration test
resistance test
Insulation
Withstanding
Over load test
rise test
Temperature
3cm wooden board .
Inductors shall be reflowed onto a P.C. board
and 260
for 5±2 seconds
℃
times from a height of 1m onto
Inductors shall be dropped 10
using solder paste. Solder process
shall be 230
for 20±2 seconds
℃
Dip pads in flux (Alpha 100 or equiv.) and
dip in solder pot at 230±5
for 5 seconds
℃
4.Duration :2HRS/X,Y,Z
3.Direction :X,Y,Z
period of five minutes .
surface thermometer .
DC current to inductor for a
for 10 minutes.
1.Amplitude:1.5 m/m
center of case for a maximum 1 minute.
terminals and center case.
1.Applied the allowed DC current
2.Temperature measure by digtal
Applied 2 times of rated allowed
100 VDC between inductor
2.Frequency:10-55-10Hz/min.
between inductor terminals and
500VAC
WOUND CHIP INDUCTOR
Refer to standard electrical
characteristic list
Specifications
SPECIFICATION FOR APPROVAL
PROD.
L
Rated currert
IDC
RDC
SRF
Q
Ⅸ﹒RELIABILITY TEST:
Test items
NAME
REF : 20080711-A
ABC'S DWG NO.
more than 20℃
temperature rise shall not be
than 10% to initial value and
Applied the current to coils the
inductance change shall be less
Test conditions / Test methods
HP-4291A With HP-16193 Test fixture .
HP-4291A With HP-16193 Test fixture.
HP-4338B
HP-8753E
ABC'S ITEM NO.
SW2022□□□□L□-□□□
PAGE: 6
AR-001A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com