Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW160816NJL Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SW160816NJL
Description  WOUND CHIP INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW160816NJL Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SW160816NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW160816NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW160816NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW160816NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW160816NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW160816NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW160816NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW160816NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp SW160816NJL Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
more than 20℃
between inductor terminals and
2.Frequency:10-55-10Hz/min.
100 VDC between inductor
Applied 2 times of rated allowed
2.Temperature measure by digtal
1.Applied the allowed DC current
terminals and center case.
center of case for a maximum 1 minute.
1.Amplitude:1.5 m/m
DC current to inductor for a
surface thermometer .
period of five minutes .
3.Direction :X,Y,Z
4.Duration :2HRS/X,Y,Z
dip in solder pot at 230±5
for 5 seconds
℃
Dip pads in flux (Alpha 100 or equiv.) and
shall be 230
for 20±2 seconds
℃
using solder paste. Solder process
Inductors shall be dropped 10
times from a height of 1m onto
and 260
for 5±2 seconds
℃
Inductors shall be reflowed onto a P.C. board
3cm wooden board .
2.Inductance shall not change
3.Q shall not change
more than±10%
more than ±5%
coverage
The metalized area must
have 90% min. solder
AR-001A
Solderability test
Vibration test
Resistance to
soldering heat
(Low frequency )
20
max.
℃
After test,Inductors shall be no
evidence of electrical and
mechanical damage
1000 MΩ min.
deformation or change in
1.There shall be no case
mechanical damage
evidence of electrical and
After test,Inductors shall be no
appearance.
voltage test
Insulation
resistance test
Vibration test
(Low frequency)
Temperature
rise test
Over load test
Withstanding
500VAC
for 10 minutes.
SPECIFICATION FOR APPROVAL
SW1608□□□□L□-□□□
HP-4291A With HP-16193 Test fixture.
HP-4291A With HP-16193 Test fixture .
Test conditions / Test methods
inductance change shall be less
Applied the current to coils the
than 10% to initial value and
temperature rise shall not be
ABC'S DWG NO.
PROD.
Ⅸ﹒RELIABILITY TEST:
characteristic list
Refer to standard electrical
WOUND CHIP INDUCTOR
L
Q
SRF
RDC
IDC
Rated currert
NAME
Test items
HP-8753E
HP-4338B
ABC'S ITEM NO.
Specifications
REF : 20090828-C
PAGE: 7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com