Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW2520150K2 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SW2520150K2
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW2520150K2 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SW2520150K2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW2520150K2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW2520150K2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW2520150K2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW2520150K2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW2520150K2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW2520150K2 Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW2520150K2 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
45
12.00
2.52
15
17
47.00±10%
SW2520470K2□ -□□□
1). □:Packaging Information… A:Bulk B:Taping Reel
AR-001A
2)."-
":Reference code
□□□
10.00±10%
6.80±10%
8.20±10%
5.60±10%
4.70±10%
2.70±10%
3.90±10%
3.30±10%
2.20±10%
1.50±10%
1.80±10%
33.00±10%
39.00±10%
27.00±10%
22.00±10%
15.00±10%
18.00±10%
12.00±10%
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
1.20±10%
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
Inductance
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SW2520220K2□
SW2520330K2□
SW2520390K2□
SW2520270K2□
SW2520150K2□
SW2520180K2□
SW2520120K2□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SW25205R6K2□
SW25208R2K2□
SW2520100K2□
SW25206R8K2□
SW25204R7K2□
SW25203R9K2□
SW25203R3K2□
NAME
PROD.
REF :
-□□□
-□□□
-□□□
-□□□
-□□□
SW25201R5K2□
SW25202R2K2□
SW25202R7K2□
SW25201R8K2□
SW25201R2K2□
DWG No.
( uH )
2.52
2.52
2.52
2.52
2.52
2.52
2.52
15
15
15
15
15
15
15
22
20
18
21
24
26
30
7.96
7.96
7.96
7.96
7.96
7.96
2.52
20
15
20
20
20
20
20
42
36
33
39
50
45
80
110
130
120
140
85
60
95
4.80
6.10
8.30
5.30
4.00
4.50
3.60
175
165
160
170
180
185
150
2.60
3.05
3.50
2.80
4.30
4.00
2.85
SW2520□□□□2□-□□□
7.96
7.96
7.96
7.96
( MHz )
7.96
Test Freq.
20
20
20
20
20
min
Q
250
160
130
200
min
280
SRF
( MHz )
ABC'S DWG NO.
ABC'S ITEM NO.
220
200
195
210
230
IDC
( mA )
max
1.65
2.60
2.35
2.20
1.30
RDC
( Ω )
max
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com