Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW252012NJL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SW252012NJL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW252012NJL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SW252012NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW252012NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW252012NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW252012NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW252012NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW252012NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW252012NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW252012NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
570
100
25
45
500
0.90
330.0± 5%
SW2520R33JL□-□□□
1). □:Packaging Information… A:Bulk B:Taping Reel
AR-001A
1000.0± 5%
2)."-
":Reference code
□ □
□
SW2520R47JL□-□□□
SW2520R56JL□-□□□
SW2520R68JL□-□□□
SW2520R75JL□-□□□
SW2520R82JL□-□□□
SW2520R91JL□-□□□
SW25201R0JL□-□□□
SW2520R39JL□-□□□
680.0± 5%
910.0± 5%
820.0± 5%
750.0± 5%
470.0± 5%
560.0± 5%
390.0± 5%
430
480
380
360
350
330
310
530
35
25
50
25
45
45
45
45
25
25
25
45
45
45
25
25
25
100
100
100
100
100
100
100
3.30
120
2.06
2.30
3.18
2.20
1.17
1.50
1.06
230
180
150
200
420
310
470
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
12.0± 5%
SW252012NJL□-□□□
56.0± 5%
SW252056NJL□-□□□
SW2520R27JL□-□□□
SW2520R22JL□-□□□
SW2520R18JL□-□□□
SW2520R15JL□-□□□
SW2520R12JL□-□□□
SW2520R10JL□-□□□
SW252082NJL□-□□□
SW252068NJL□-□□□
150.0± 5%
180.0± 5%
220.0± 5%
270.0± 5%
68.0± 5%
82.0± 5%
100.0± 5%
120.0± 5%
SW252047NJL□-□□□
SW252039NJL□-□□□
SW252033NJL□-□□□
SW252027NJL□-□□□
SW252022NJL□-□□□
SW252018NJL□-□□□
SW252015NJL□-□□□
27.0± 5%
33.0± 5%
39.0± 5%
47.0± 5%
15.0± 5%
18.0± 5%
22.0± 5%
NAME
PROD.
REF :
SW25207N8JL□-□□□
SW25203N3DL□-□□□
SW252010NJL□-□□□
SW25208N2JL□-□□□
SW25206N8JL□-□□□
DWG No.
3.3±0.3
7.8± 5%
6.8± 5%
8.2± 5%
10.0± 5%
Inductance
( nH )
500
100
60
3600
0.08
1000
650
730
800
2700
2500
1700
1500
1500
1800
2700
1300
1100
1100
950
880
1350
350
60
100
45
45
45
45
25
25
25
25
60
45
60
60
100
25
100
100
100
100
100
100
100
350
350
350
60
100
60
60
60
100
100
100
60
60
60
100
100
100
350
350
350
350
350
350
500
0.12
1000
0.45
0.75
0.22
0.33
0.18
0.18
0.20
0.15
800
600
800
800
1000
1000
800
1000
0.10
0.10
0.10
0.10
0.10
0.10
0.08
1000
1000
1000
1000
1000
1000
1000
5500
5500
SRF
min
( MHz )
6000
4300
5500
SW2520□□□□L□-□□□
Test Freq. ( MHz )
100
50
50
50
50
50
100
100
100
100
Q
min
L
1000
1000
1000
1000
1000
Q
ABC'S DWG NO.
ABC'S ITEM NO.
0.06
0.06
0.08
0.06
0.06
( Ω )
max
RDC
1000
1000
1000
1000
1000
( mA )
max
IDC
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com