Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW322518NJL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SW322518NJL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW322518NJL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SW322518NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW322518NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW322518NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW322518NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW322518NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW322518NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW322518NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW322518NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
550
0.690
100
50
50
450
470.0
SW3225R47JL□ -□□□
± 5%
1800.0
2200.0
560.0
680.0
1000.0
1500.0
1200.0
820.0
1). □:Packaging Information… A:Bulk B:Taping Reel
AR-001A
□
□
2) ."-
":Reference code
□
SW32251R8JL□
SW32252R2JL□
SW32251R5JL□
SW32251R2JL□
SW32251R0JL□
SW3225R82JL□
SW3225R56JL□
SW3225R68JL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
100
100
100
100
50
50
50
50
45
± 5%
± 5%
± 5%
± 5%
± 5%
40
45
45
45
± 5%
± 5%
± 5%
50
50
50
25
7.96
7.96
7.96
7.96
25
25
50
1.050
1.900
1.450
0.900
2.430
3.500
3.360
2.200
300
200
250
200
300
350
380
400
280
180
150
250
220
400
350
450
SPECIFICATION FOR APPROVAL
Inductance
5.6
10.0
12.0
15.0
4.7
18.0
22.0
27.0
33.0
39.0
WOUND CHIP INDUCTOR
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
390.0
330.0
47.0
68.0
56.0
100.0
150.0
120.0
82.0
220.0
270.0
180.0
SW322518NJL□ -□□□
SW322582NJL□ -□□□
SW3225R22JL□
SW3225R18JL□
SW3225R33JL□
SW3225R39JL□
SW3225R27JL□
SW3225R10JL□
SW3225R15JL□
SW3225R12JL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SW322522NJL□
SW322527NJL□
SW322539NJL□
SW322533NJL□
SW322568NJL□
SW322556NJL□
SW322547NJL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
DWG No.
SW32254N7DL□
SW32255N6JL□
SW322510NJL□
SW322512NJL□
SW322515NJL□
-□□□
-□□□
-□□□
-□□□
-□□□
PROD.
NAME
REF :
0.060
2800
300
60
1000
100
± 5%
300
300
300
300
100
100
300
300
300
300
300
300
300
300
300
300
± 5%
60
± 5%
± 5%
± 5%
± 5%
50
50
50
± 5%
± 5%
± 5%
± 5%
60
60
60
60
50
50
50
50
50
50
100
50
60
± 5%
± 5%
± 5%
± 5%
60
60
60
60
± 5%
± 5%
± 5%
60
60
60
100
100
100
100
100
100
100
100
0.370
0.630
0.100
0.180
0.120
0.270
0.330
0.210
660
550
500
600
900
800
1100
760
800
650
600
700
800
800
1000
800
0.080
0.080
0.080
0.080
0.080
0.100
0.100
0.100
1800
1600
1300
1200
1500
2300
1800
2000
1000
1000
1000
1000
1000
1000
1000
1000
1000
500
500
500
1000
Test Freq. ( MHz )
± 5%
± 5%
± 5%
± 5%
60
60
50
60
( nH )
± 0.3
min
50
Q
100
100
100
100
100
LQ
ABC'S DWG NO.
ABC'S ITEM NO.
max
( Ω )
RDC
0.080
0.060
0.060
0.060
0.060
5500
3400
3200
4000
min
( MHz )
SRF
6000
1000
1000
1000
1000
( mA )
max
1000
IDC
SW3225□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com