Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66281P Datasheet(PDF) 3 Page - EPCOS

Part # B66281P
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66281P Datasheet(HTML) 3 Page - EPCOS

  B66281P Datasheet HTML 1Page - EPCOS B66281P Datasheet HTML 2Page - EPCOS B66281P Datasheet HTML 3Page - EPCOS B66281P Datasheet HTML 4Page - EPCOS B66281P Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EILP 14
Combination:
ELP 14/3.5/5 with I 14/1.5/5
■ To IEC 62317-9
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 1.15 mm–1
le
= 16.7 mm
Ae
= 14.5 mm2
Amin = 13.9 mm2
Ve
= 242 mm3
Approx. weight 1.3 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”)
EILP 14:
Validity range:
K1, K2: 0.05 mm < s < 1.00 mm
K3, K4: 20 nH < AL < 200 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
(per piece)
N49
850
±25%
780 < 0.06 ( 50 mT, 500 kHz, 100 °C) B66281G0000X149 (ELP core)
B66281P0000X149 (I core)
N92
900
±25%
820 < 0.18 (200 mT, 100 kHz, 100 °C) B66281G0000X192 (ELP core)
B66281P0000X192 (I core)
N87
1250
±25% 1140 < 0.16 (200 mT, 100 kHz, 100 °C) B66281G0000X187 (ELP core)
B66281P0000X187 (I core)
N97
1300
±25% 1190 < 0.13 (200 mT, 100 kHz, 100 °C) B66281G0000X197 (ELP core)
B66281P0000X197 (I core)
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
38.7
–0.691
49
–0.796
40
–0.873
FEK0369-D
3±0,05
11±0,25
14±0,3
FEK0370-G
3±0,05
11±0,25
14±0,3
ELP 14/3.5/5
I 14/1.5/5
B66281
Core (without clamp recess)
ELP 14/3.5/5 with I 14/1.5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com