Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW16082N0DL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SW16082N0DL
Description  WOUND CHIP INDUCTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW16082N0DL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SW16082N0DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW16082N0DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW16082N0DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW16082N0DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW16082N0DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW16082N0DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW16082N0DL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW16082N0DL Datasheet HTML 8Page - ABC Taiwan Electronics Corp SW16082N0DL Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2300
3100
3000
2800
4000
2650
3000
3300
AR-001A
SW160830NJL□ -□□□
SW160827NJL□
SW160822NJL□
SW160818NJL□
SW160815NJL□
SW160824NJL□
SW160820NJL□
SW160816NJL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
30.0± 5%
45
250
57
38
20.0± 5%
24.0± 5%
27.0± 5%
22.0± 5%
37
40
38
16.0± 5%
18.0± 5%
15.0± 5%
34
38
35
72
250
250
250
250
75
75
70
250
250
250
66
77
68
0.220
600
700
0.220
0.220
0.220
0.135
700
600
700
0.170
0.170
0.170
700
700
700
SW1608□□□□L□-□□□
5800
6900
SRF
min.
( MHz )
6900
4600
4800
4000
5800
4000
4000
4500
4000
4600
4800
5700
5500
5900
12500
12500
SPECIFICATION FOR APPROVAL
-□□□
51
250
22
3.9± 0.3
SW16083N9DL□
-□□□
SW16088N2JL□
SW160812NJL□
SW160810NJL□
SW160813NJL□
SW160811NJL□
SW16089N5JL□
SW16089N1JL□
SW16088N7JL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SW16086N8JL□
SW16084N7DL□
SW16087N5JL□
SW16085N1JL□
SW16085N6JL□
SW16084N3DL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
72
250
8.2± 5%
30
10.0± 5%
30
12.0± 5%
13.0± 5%
11.0± 5%
38
35
33
9.1± 5%
9.5± 5%
8.7± 5%
28
28
28
66
250
250
250
250
72
75
68
250
250
250
60
62
66
16
5.6± 5%
7.5± 5%
6.8± 5%
28
30
4.7± 0.3
5.1± 5%
4.3± 0.3
20
20
22
40
250
250
250
64
63
250
250
250
47
47
45
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
WOUND CHIP INDUCTOR
SW16082N0DL□
SW16081N8DL□
SW16081N6DL□
-□□□
-□□□
-□□□
DWG No.
NAME
PROD.
REF : 20090828-C
Test Freq.
(MHz)
2.0± 0.3
1.8± 0.3
1.6± 0.3
16
16
24
Inductance
( nH )
Q
min.
250
250
250
31
40
35
@900
typ.
MHz
L/Q
Q
ABC'S DWG NO.
ABC'S ITEM NO.
0.080
700
0.100
700
0.130
700
0.130
0.106
0.090
700
700
700
0.135
0.135
0.109
700
700
700
700
0.150
0.110
0.106
700
700
0.130
0.140
0.080
700
700
700
0.080
0.045
0.030
700
700
700
RDC
( Ω )
max.
( mA )
max.
IDC
PAGE: 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com