Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66455G Datasheet(PDF) 3 Page - EPCOS

Part # B66455G
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66455G Datasheet(HTML) 3 Page - EPCOS

  B66455G Datasheet HTML 1Page - EPCOS B66455G Datasheet HTML 2Page - EPCOS B66455G Datasheet HTML 3Page - EPCOS B66455G Datasheet HTML 4Page - EPCOS B66455G Datasheet HTML 5Page - EPCOS B66455G Datasheet HTML 6Page - EPCOS B66455G Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EILP 22
Combination:
ELP 22/6/16 with I 22/2.5/16
To IEC 62317-9
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 0.33 mm–1
le
= 26.1 mm
Ae
= 78.5 mm2
Amin = 77.9 mm2
Ve
= 2050 mm3
Approx. weight 10.5 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”)
EILP 22:
Validity range:
K1, K2: 0.10 mm < s < 1.50 mm
K3, K4: 100 nH < AL < 700 nH
Clamp
Ordering code per piece, 2 pieces required
Ordering code: B65804P2204X000
Material
AL value
nH
µ
e
PV
W/set
Ordering code
(per piece)
N49
3700
±25%
960 < 0.50 ( 50 mT, 500 kHz, 100 °C) B66285G0000X149 (ELP core)
B66285P0000X149 (I core)
N92
4000
±25% 1050 < 1.38 (200 mT, 100 kHz, 100 °C) B66285G0000X192 (ELP core)
B66285P0000X192 (I core)
N87
5200
±25% 1360 < 1.25 (200 mT, 100 kHz, 100 °C) B66285G0000X187 (ELP core)
B66285P0000X187 (I core)
N97
5250
±25% 1390 < 1.00 (200 mT, 100 kHz, 100 °C) B66285G0000X197 (ELP core)
B66285P0000X197 (I core)
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
134
–0.806
243
–0.796
206
–0.873
FEK0339-R
5±0,1
16,8±0,4
21,8±0,4
FEK0340-U
21.8±0.4
ELP 22/6/16
I 22/2.5/16
FRM0153-S
2,1±0,1
B66285, B65804
Core and accessories (with clamp recess)
ELP 22/6/16 with I 22/2.5/16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com