Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW252015NJL Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SW252015NJL
Description  WOUND CHIP INDUCTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SW252015NJL Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SW252015NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SW252015NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SW252015NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SW252015NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SW252015NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SW252015NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SW252015NJL Datasheet HTML 7Page - ABC Taiwan Electronics Corp SW252015NJL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Dompany name/nateriel designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions
Polysol 155
Polysol 160
Polysol 180
Polysol 170
Polysol-N 180
Polysol 155p
Polysol 155g
Polysol-N 155
Amldester 200
Estersol 160
Mtl Dsg
IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG
Ⅹ﹒
UL CARD:
Magnet Wire-Comporent
ELEKTRISOLA (MALAYSLA) SDN BHD
DARUL MAKMUR MALAYSIA
OBMW2
WOUND CHIP INDUCTOR
AR-001A
PROD.
NAME
REF :
130
MW-79
Polyurechane
Pg155
Polyurechane
Pp155,Gp155
____
MW-79
155
____
____
____
Nylon
PN180
P170 or G170
P160
P180
Polyurechane
Polyurechane
Polyurechane
Polyurechane
____
MW-79
MW-79
MW-79
180
155
156
155
SW2520□□□□L□-□□□
____
____
____
Nylon
____
ABC'S ITEM NO.
August 27, 1999
ABC'S DWG NO.
PN155
P155
A200
E180
Mark Dsg
Polyurechane
Polyurechane
(solderable)
Polyesterimide
Polyesterimide
Coating Type
BC
E143312
MW-80,
MW-79,
MW-79
MW-28
MW-74
MW-77
OC
ANSI
Typ
155,
155,
130
100
200
180
Temp
Class
SPECIFICATION FOR APPROVAL
PAGE: 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com