Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66293P Datasheet(PDF) 3 Page - EPCOS

Part # B66293P
Description  Ferrites and accessories
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66293P Datasheet(HTML) 3 Page - EPCOS

  B66293P Datasheet HTML 1Page - EPCOS B66293P Datasheet HTML 2Page - EPCOS B66293P Datasheet HTML 3Page - EPCOS B66293P Datasheet HTML 4Page - EPCOS B66293P Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EILP 58
Combination:
ELP 58/11/38 with I 58/4/38
■ To IEC 62317-9
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 0.22 mm–1
le
= 67.7 mm
Ae
= 310 mm2
Amin = 308 mm2
Ve
= 21000 mm3
Approx. weight 110 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”)
EILP 58:
Validity range:
K1, K2: 0.10 mm < s < 1.50 mm
K3, K4: 50 nH < AL < 500 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
(per piece)
N87
8400
±25% 1450 < 13.0 (200 mT, 100 kHz, 100 °C) B66293G0000X187 (ELP core)
B66293P0000X187 (I core)
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
591
–0.685
791
–0.796
721
–0.873
FEK0411-M
8.1±0.2
51.1±1.1
58.4±1.2
FEK0410-E
51.1±1.1
8.1±0.2
58.4±1.2
I 58/4/38
ELP 58/11/38
B66293
Core (without clamp recess)
ELP 58/11/38 with I 58/4/38



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com