Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72587G3140S200 Datasheet(PDF) 21 Page - EPCOS

Part # B72587G3140S200
Description  Ceramic transient voltage suppressors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72587G3140S200 Datasheet(HTML) 21 Page - EPCOS

Back Button B72587G3140S200 Datasheet HTML 17Page - EPCOS B72587G3140S200 Datasheet HTML 18Page - EPCOS B72587G3140S200 Datasheet HTML 19Page - EPCOS B72587G3140S200 Datasheet HTML 20Page - EPCOS B72587G3140S200 Datasheet HTML 21Page - EPCOS B72587G3140S200 Datasheet HTML 22Page - EPCOS B72587G3140S200 Datasheet HTML 23Page - EPCOS B72587G3140S200 Datasheet HTML 24Page - EPCOS B72587G3140S200 Datasheet HTML 25Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Note:
Leaching of the termination
Effective area at the termination might be lost if the soldering temperature and/or immersion time
are not kept within the recommended conditions. Leaching of the outer electrode should not ex-
ceed 25% of the chip end area (full length of the edge A-B-C-D) and 25% of the length A-B,
shown below as mounted on substrate.
As a single chip
As mounted on substrate
7
Notes for proper soldering
7.1
Preheating and cooling
According to JEDEC J-STD-020D. Please refer to chapter 2.
7.2
Repair / rework
Manual soldering with a soldering iron must be avoided, hot-air methods are recommended for
rework purposes.
7.3
Cleaning
All environmentally compatible agents are suitable for cleaning. Select the appropriate cleaning
solution according to the type of flux used. The temperature difference between the components
and cleaning liquid must not be greater than 100
°C. Ultrasonic cleaning should be carried out
with the utmost caution. Too high ultrasonic power can impair the adhesive strength of the metal-
lized surfaces.
7.4
Solder paste printing (reflow soldering)
An excessive application of solder paste results in too high a solder fillet, thus making the chip
more susceptible to mechanical and thermal stress. Too little solder paste reduces the adhesive
strength on the outer electrodes and thus weakens the bonding to the PCB. The solder should be
applied smoothly to the end surface.
Leaded transient voltage/RFI suppressors (SHCVs)
SHCV series
Page 21 of 29
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com