Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS5030-562ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # LPS5030-562ML
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPS5030-562ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  LPS5030-562ML Datasheet HTML 1Page - Coilcraft lnc. LPS5030-562ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Shielded SMT Power Inductors–LPS5030 Series
Document 581-2
Document 581-2
Revised 10/06/08
Typical L vs Current
Typical L vs Frequency
Typical Current Derating
0.189 ±0.003
4,80 ±0,076
0.114 ±0.004
2,9 ±0,1
Winding
direction
Dash
number
Internal
code
XXX X
0.197
5,00
0.134
3,40
Recommended
Land Pattern
0.060
1,50
0.060
1,50
0.138
3,50
0.197
5,00
45°
typ
0.090
2,30
0.134
3,40
0.090
2,30
0.189 ±0.003
4,80 ±0,076
*
*
Dimensions are of the case not
including the termination. For maximum
overall dimensions including the
termination, add 0.005 in / 0,13 mm.
*
1
10
10000
1000
100
0.01
0.1
110
Frequency (MHz)
10 µH
3.3 µH
33 µH
1000 µH
3300 µH
330 µH
100 µH
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
1
10
10000
1000
100
0.01
0.1
110
Current (A)
10 µH
3.3 µH
33 µH
1000 µH
3300 µH
330 µH
100 µH
Dimensions are in
inches
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com