Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRF-RJ11 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # TRF-RJ11
Description  Modular Jack EMI Filters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

TRF-RJ11 Datasheet(HTML) 1 Page - Coilcraft lnc.

  TRF-RJ11 Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Modular Jack EMI Filters
Document 154
Document 154
Revised 11/10/08
Eliminating common mode EMI from telephone lines
and LANs can be done quickly and easily with these
plug-in filter modules.
One, two, and four line (two, four and eight wire) versions
are available with RJ11, RJ14, or RJ45 standard termi-
nations. They’re designed to help meet FCC Part 15 and
68 as well as European CCITT and CISPR-22 require-
ments.
Part
A
B
C
C
number
Lines
max
max
min
max
TRF-RJ11
1
0.68/17,2
0.84/21,3
4.54/115,3
5.54/140,7
TRF-RJ14
2
0.68/17,2
0.84/21,3
4.54/115,3
5.54/140,7
TRF-RJ45-8
4
0.89/22,6
0.83/21,1
4.26/108,2
5.26/133,6
Typical Attenuation1
1. Measured on an Agilent/HP 8753D network analyzer. Ref 50 Ohms.
2. Operating temperature range –40°C to +85°C.
3. Electrical specifications at 25°C.
A
BC
40
30
20
10
0
-10
0.1
1
10
100
1000
Frequency (MHz)
Differential Mode
This product is not RoHS-compliant. Contact Coilcraft
for current status or possible alternatives.


Similar Part No. - TRF-RJ11

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
TRF-RJ11 COILCRAFT-TRF-RJ11 Datasheet
209Kb / 1P
Modular Jack EMI Filters
TRF-RJ11 COILCRAFT-TRF-RJ11_13 Datasheet
209Kb / 1P
Modular Jack EMI Filters
More results

Similar Description - TRF-RJ11

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
Modular jack
logo
Coilcraft lnc.
TRF-RJ11 COILCRAFT-TRF-RJ11_13 Datasheet
209Kb / 1P
Modular Jack EMI Filters
logo
CUI INC
CRJ004-ML1-TH CUI-CRJ004-ML1-TH Datasheet
350Kb / 4P
MODULAR JACK
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
MODULAR JACK
CRJ019-1-TH CUI-CRJ019-1-TH Datasheet
286Kb / 3P
MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
MODULAR JACK
CRJ024-1-TH CUI-CRJ024-1-TH Datasheet
306Kb / 3P
MODULAR JACK
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
MODULAR JACK
04/16/2021
CRJ052-1H-TH CUI-CRJ052-1H-TH Datasheet
372Kb / 3P
MODULAR JACK
04/16/2021
logo
CUI Devices
CRJ059-L1-TH CUID-CRJ059-L1-TH Datasheet
350Kb / 3P
MODULAR JACK
08/05/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com