Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD7342-252ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MSD7342-252ML
Description  Coupled Inductors for SEPIC Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSD7342-252ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  MSD7342-252ML Datasheet HTML 1Page - Coilcraft lnc. MSD7342-252ML Datasheet HTML 2Page - Coilcraft lnc. MSD7342-252ML Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Coilcraft, Inc. 2010
Specifications subject to change without notice.
Please check our website for latest information.
Document 621-1
Document 621-1
Revised 11/10/09
CoupledInductors–MSD7342Series
The excellent coupling coefficient (k
≥ 0.94) makes the
MSD7342 series of coupled inductors ideal for use in
SEPIC applications. In SEPIC topologies, the required
inductance for each winding in a coupled inductor is
half the value needed for two separate inductors, allow-
ing selection of a part with lower DCR and higher
current handling.
These inductors provide high inductance, high efficiency
and excellent current handling in a rugged, low cost part.
They can also be used as two single inductors con-
nected in series or parallel, as a common mode choke
or as a 1 : 1 transformer.
Dimensions are in
inches
mm
Core material Ferrite
Terminations RoHS compliant matte tin over nickel over phos
bronze. Other terminations available at additional cost.
Weight 0.76 – 0.87g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Winding to winding isolation 200 Vrms
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 250/7
″ reel; 1000/13″ reel Plastic tape: 16 mm wide,
0.4 mm thick, 12 mm pocket spacing, 4.9 mm pocket depth
PCB washing Only pure water or alcohol recommended
For SEPIC
Applications
L1
L2
Q1
C1
C2
+
++
––
D1
VOUT
VIN
Load
Typical SEPIC schematic
Refer to Application Note, Document 639,
“Selecting Coupled Inductors for SEPIC Applications”
0.295
7,5
max
0.295
7,5
max
max
Dot indicates
pin 1
0.150
3,8
0.091
2,3
0.063
1,6
0.028
0,7
0.181
4,6
123
0.110
2,8
0.083
2,1
0.130
3,3
0.043
1,10
1
4
2
3
3
1
2
4
L1
L2
Recommended
Land Pattern
1
4
2
3


Similar Part No. - MSD7342-252ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSD7342-252MLB COILCRAFT-MSD7342-252MLB Datasheet
166Kb / 3P
Coupled Inductors - MSD7342
MSD7342-252MLC COILCRAFT-MSD7342-252MLC Datasheet
166Kb / 3P
Coupled Inductors - MSD7342
MSD7342-252MLD COILCRAFT-MSD7342-252MLD Datasheet
166Kb / 3P
Coupled Inductors - MSD7342
MSD7342-252ML_ COILCRAFT-MSD7342-252ML_ Datasheet
431Kb / 3P
Coupled Inductors
More results

Similar Description - MSD7342-252ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812DPS COILCRAFT-1812DPS Datasheet
220Kb / 2P
Coupled Inductors for xDSL
DW3316-155ML COILCRAFT-DW3316-155ML Datasheet
165Kb / 1P
DW3316 Coupled Inductors for xDSL
LPD3015-391ML COILCRAFT-LPD3015-391ML Datasheet
249Kb / 3P
Coupled Inductors for SEPIC
MSD1260-472ML COILCRAFT-MSD1260-472ML Datasheet
250Kb / 3P
Coupled Inductors for SEPIC
MSD1278-472ML COILCRAFT-MSD1278-472ML Datasheet
238Kb / 3P
Coupled Inductors for SEPIC
ST450PHD COILCRAFT-ST450PHD Datasheet
383Kb / 2P
Coupled Inductors for Critical Applications
ST466PJD COILCRAFT-ST466PJD Datasheet
377Kb / 3P
Coupled Inductors for Critical Applications
ST512PJD COILCRAFT-ST512PJD Datasheet
335Kb / 3P
Coupled Inductors for Critical Applications
ST526PND COILCRAFT-ST526PND Datasheet
317Kb / 3P
Coupled Inductors for Critical Applications
DW3316 COILCRAFT-DW3316_15 Datasheet
251Kb / 1P
DW3316 Coupled Inductors for xDSL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com