Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE78L08 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE78L08
Description  Positive Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE78L08 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE78L08 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE78L08 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
                                                                                                                
ACE78LXX
                        Technology
Positive Voltage Regulator
VER 1.2
2
Ordering information
Selection Guide
ACE78L XX XX + H
Typical Application
Vin
Vout
ACE78LXX
GND
Cin
Cout
0.33uF
0.1uF
Electrical Characteristics
ACE78L05 (Refer to the test circuits, TJ=0~125℃, IO=40mA, VIN=10V, Cin=0.33μF, Co=0.1μF unless otherwise specified)
(Note1)
Symbol
Test Condition
Min
Typ
Max
Unit
A-Rank (3%)
4.85
5.0
5.15
VO
B-Rank (5%)
VIN=10V, IO=40mA, TJ=25℃
7V≦VIN≦20V, 1mA≦IO≦40mA
7V≦VIN≦Vmax, 1mA≦IO≦70mA
(Note2)
4.75
5.25
V
7V≦VIN≦20V, IO=40mA, TJ=25℃
18
75
ΔVO (Line Regulation)
8V≦VIN≦20V, IO=40mA, TJ=25℃
10
64
mV
VIN=10V, 1mA≦IO≦100mA, TJ=25℃
20
60
ΔVO (Load Regulation)
VIN=10V, 1mA≦IO≦40mA, TJ=25℃
5
30
mV
IQ
VIN=10V, IO=0mA,TJ=25℃
3.0
5.0
mA
VIN=10V, 1mA≦IO≦40mA
0.1
ΔIQ
8V≦VIN≦20V, IO=40mA
1.0
mA
Vn
10Hz≦f≦100KHz
40
μV
RR
8V≦VIN≦20V, IO=40mA, f=120Hz,TJ=25℃
47
62
dB
VD
IO=100mA, TJ=25℃
1.7
V
Δ
VO/ΔTJ
IO=5mA, 0℃≦TJ≦125℃
-0.65
mV/℃
AM : SOT-89-3
Pb-free
Output Voltage : 5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V and 24V
Halogen-free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com