Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE504A Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE504A
Description  Wide Input Voltage Range, 150mA ULDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE504A Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE504A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE504A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE504A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE504A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE504A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE504A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE504A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE504A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE504A Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
 
                                                                                                                  
ACE504A
                        Technology
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
4
Electrical Characteristics
VIN=VOUT+1V, TA=25℃,IOUT=100μA,CIN=1.0μF,COUT=2.2μF, Bold typeface applies over -40℃≦TJ≦125℃, unless otherwise
specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output
Voltage
VOUT
Variation from specified
VOUT
VOUT*98%
VOUT*102%
V
Reference
Voltage
VREF
1.215
1.24
1.265
V
Input
Voltage
VIN
24
V
Output
Current
(Max.)
IOUT(max)
VIN-VOUT=1V
VOUT=98%*VOUT
150
200
mA
Line
Regulation
△
VOUT/△VIN
VOUT+1V≦VIN≦24V
0.05
%
Load
Regulation
△
VOUT/△VOUT
1mA≦IOUT≦150mA
0.5
%
IOUT=100μA
100
150
IOUT=50mA
270
350
IOUT=100mA
320
460
Dropout
Voltage
VDROP
IOUT=150mA
360
500
mV
IOUT=100μA
50
μA
IOUT=50mA
0.5
IOUT=100mA
1.3
Ground
Current
IGND
IOUT=150mA
2.5
mV
Standby
Current
ISTD
VIN=VOUT+1V VEN in
OFF mode
0.01
1.0
μA
f=100Hz
60
Power
Supply
Rejection
Ration
PSRR
Ripple
0.5VP-P
VIN=VOUT+1V
f=1kHz
60
dB
Output
Voltage
Temperature
Coefficient
△
VOUT/(△VOUT*△T)
IOUT=100μA,
-40℃≦TJ≦125℃
±100
ppm/℃
RMS Output
Noise
VNOI
TA=25 ,
℃
10Hz f 100kHz
≦≦
30
μVrms
CE “High”
Voltage
CE Input Voltage “High”
2.0
V
CE “Low”
Voltage
CE Input Voltage “Low”
0.4
V
Thermal
SOT-23-5
43
/W
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com