Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE507A Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE507A
Description  Precise Low Dropout Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE507A Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE507A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE507A Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
                                                                                                                 
ACE507A
                        Technology
Precise Low Dropout Voltage Regulator
VER 1.6
2
Absolute Maximum Ratings
Operating temperature range applies unless otherwise specified.
Parameter
Symbol
Max
Unit
Input voltage
VIN
-0.3 ~ 6
V
Output Current
VOUT
VSS -0.3 to VIN 0.3
V
Power Dissipation (TA=25℃)
SOT-23-3
SOT-89-3
PD
150
500
mW
Operating Temperature Rang
TOPR
-25 ~ 80
OC
Storage Temperature Rang
TSTG
- 40 to 125
OC
Packaging Type
SOT-89-3
SOT-23-3
3
1
2
3
1
2
Pin
SOT-89-3(A)
SOT-89-3(B)
SOT-23-3
VSS
2
1
1
VIN
3
2
3
VOUT
1
3
2
Ordering information
Selection Guide
ACE507A XX XX + H
AMA : SOT-89-3
AMB: SOT-89-3
BM: SOT-23-3
Output Voltage: 
1.5V/3.3V…..
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com