Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE50232AM+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE50232AM+
Description  400mA CMOS Low Dropout Voltage Low consumption Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50232AM+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE50232AM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50232AM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
 
                                                                                                                     
ACE502
                        Technology
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Max Input voltage
VIN
10
V
Power Dissipation
SOT-23-3
SOT-23-5
SOT-89-3
0.15
0.25
0.5
W
Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Ambient Temperature
TA
-40 ~85
OC
Packaging Type
SOT-89-3
SOT-23-3
SOT-23-5
3
5
4
1
2
3
1
2
1
2
3
Pin
SOT-89-3
SOT-23-3
SOT-23-5(A)
SOT-23-5(B)
Function
VIN
2
3
1
3
Supply Voltage Input
VSS
1
1
2
2
Ground
CE
3
4
Enable Pin
NC
4
5
No connect
VOUT
3
2
5
1
Output Voltage
Ordering information
Selection Guide
ACE502 XX XX + H
Pb - free
AM : SOT-89-3
BM: SOT-23-3
BNA: SOT-23-5
BNB: SOT-23-5
Output Voltage: 
1.5V/2.2V…..6.0V
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com