Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82765C Datasheet(PDF) 2 Page - EPCOS

Part # B82765C
Description  Power line chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82765C Datasheet(HTML) 2 Page - EPCOS

  B82765C Datasheet HTML 1Page - EPCOS B82765C Datasheet HTML 2Page - EPCOS B82765C Datasheet HTML 3Page - EPCOS B82765C Datasheet HTML 4Page - EPCOS B82765C Datasheet HTML 5Page - EPCOS B82765C Datasheet HTML 6Page - EPCOS B82765C Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 440/250 V AC
Rated current 16 A bis 75 A
Rated inductance 0.9 mH to 1.8 mH
Construction
■
Current-compensated ring core quad choke
■
Ferrite core
■
Aluminum case
■
Fixing by means of base plate
■
Polyurethane potting (UL 94 V-0)
■
Sector winding
Features
■
RoHS-compatible
Applications
■
Suppression of common-mode interferences
■
Switch-mode power supplies for converters, UPS
■
Power supplies, medical equipment
■
Chargers
■
Traction applications
Terminals
■
Unidirectional, tinned leads or litz wires
Marking
Manufacturer, ordering code, rated current, rated inductance,
rated voltage, climatic category, date of manufacture (MM.YY)
Circuit diagram
IND0279-1
1’
1
22’
44’
3’
3
B82765C
Power line chokes
Current-compensated ring core quad chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com