Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE50121BM+ Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE50121BM+
Description  250mA CMOS Low Dropout Voltage Low consumption Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50121BM+ Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE50121BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50121BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50121BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50121BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50121BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50121BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50121BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50121BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50121BM+ Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
 
                                                                                                                     
ACE501
                        Technology
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
4
ACE501-3.0
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
8
V
Output Voltage
VOUT
2.94
3.0
3.06
V
Maximum Output Current
IOUT(Max.)
VIN=4V, VOUT>2.94
250
mA
IOUT=100mA
170
300
Input-Output Voltage
Differential
Dropout
Voltage
IOUT=200mA
320
500
mV
Line Regulation
ΔVOUT /
ΔVIN‧VOUT
IOUT=40mA
3.2V≦VIN≦8A
0.2
0.3
%/V
Load Regulation
ΔVOUT
VIN=4.0V
1mA≦IOUT≦100mA
20
40
mV
Quiescent Current
Iq
VIN=4V
1.5
uA
Output Voltage Temperature
Coefficient
ΔVOUT /
ΔT‧VOUT
IOUT=10mA
50
ppm/℃
Typical Application Circuit
ACE501
Vin
Vin
Vout
Vout
GND
+
1uF
+
1uF
Cin
Cout
Application hints:
Note 1:Input capacitor (Cin=1uF) is recommended in all application circuit. Tantalum capacitor is recommended.
Note 2:Output capacitor (Cout=1uF) is recommended in all application to assure the stability of circuit. Tantalum
capacitor is recommended.
 
Explanation:
ACE501 is a series of low dropout voltage and low power consumption three pins regulator. Its
application circuit is very simple, which only needs two outside capacitors. It is composed of these
modules: high accuracy voltage reference, current limit circuit, error amplifier, output driver and power
transistor.
Current Limit module can keep chip and power system away from danger when load current is more
than 250mA.
ACE501 uses trimming technique to assure the accuracy of output value within±2%, at the same time,
temperature compensated is elaborately considered in this chip, which makes ACE501’s temperature
coefficient within 50ppm/℃.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com