Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWA-710 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # FWA-710
Description  Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-710 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  FWA-710 Datasheet HTML 1Page - Advantech Co., Ltd. FWA-710 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
FWA-700 / 710
Ordering Information
Part Number
Processor
LAN
AC Adapter Ethernet
Controller
FWA-700E
-
5
65 W
4 x Marvell 8053
FWA-710E
-
5
65 W
4 x Intel 82573
Accessories
Part Number
Description
1700001947
2P 180 cm, USA
1700001948
2P 180 cm, Europe
1700001949
2P 180 cm, UK
1700002141
2P 180 cm, JP
Packing List
Part Number
Description
1701160101
VGA port cable (for system installation use)
1703080160
PS/2 Y cable mini-DIN 16 cm
1703092000
Console cable d-sub 9-pin 2 m
1701440054
Flat cable 44 pin, 2.0 mm pitch connectors 5 cm
Sixteen LED Indicators for Power,
HDD and LAN status
Two USB 2.0 ports
CompactFlash socket
Management
LAN port
Intel Pentium M CPU
SDRAM socket
RS-232 console port
Four LAN ports
2.5" IDE HDD
Removable cover allows easy maintenance and software upgrade
250
251.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com