Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWA-710 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FWA-710
Description  Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-710 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FWA-710 Datasheet HTML 1Page - Advantech Co., Ltd. FWA-710 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
FWA-710
Tabletop Intel® Pentium® M
Processor-based Platform
with 4 PCIe LAN Ports
Supports Intel® Pentium® M or Celeron® M Processor
Dual-channel DDR2 400/533 SODIMM, up to 2 GB
Four 10/100/1000 Mbps LAN ports
One MINI PCI Slot
Supports one fixed 2.5" IDE HDD
One 10/100 Mbps LAN port for management
Introduction
Conceived as an exceptional but low power consuming tabletop Internet security platform, the FWA-710 series was specifically designed for SMBs/SOHOs that require a single device
to combine functions such as IDS/IPS, anti-virus, VPN gateway and Unified Threat Management (UTM) in to a multi-functional gateway. Using the latest Intel Pentium M processor
combined with the Mobile Intel 915GM Express chipset and Intel ICH6M I/O Controller Hub, the FWA-710 series provides unprecedented performance, connectivity and throughput without
compromising on system thermal design. It supports up to 2 GB of DDR2 system memory at 400 or 533 MHz on dual-channel SODIMM banks. By leveraging PCI Express technology, the
platforms maximizes I/O throughput by taking full advantage of the ICH6-M’s PCI Express (PCIe) capability. Four PCIe lanes connect directly to the Ethernet controllers to provide
bi-directional 2 Gb/s peak bandwidth for Gigabit Ethernet support at wire speed. The system supports one optional 2.5" IDE HDD, and one CompactFlash device for OS and Internet
security applications. The rear I/O panel has a 9-pin RS-232 serial port and one 10/100 managed LAN port. It is FCC, CE, UL, CCC, and RoHS compliant.
Specifications
Processor System
CPU
Intel Pentium M/Celeron M processor
Max. Speed
2.0 GHz/1.5 GHz
Chipset
Intel 915 GM + ICH6-M
Front Side Bus
533/400 MHz
BIOS
Award™ 4 Mbit Flash
Memory
Technology
Dual-channel DDR2 533/400 SODIMM
Capacity
Up to 2 GB with 2 slots
Expansion
Onboard Expansion Slot
One 32-bit/33 MHz Mini PCI slot
Ethernet
Fast Ethernet
One 10/100 Intel 82562 FE port for management
Gigabit Ethernet
Four 10/100/1000 Mbps GbE ports
GbE Controller
4 x Intel 82573
LAN Bypass
Two segment on GbE ports
Storage
Controller
Supports 2.5" HDD x 1 on IDE 0
IDE
ATA100 connector x 1 on IDE 0 (Secondary)
Max. data transfer rate 100 MB/s
Supports 2.5" ATA HDD
CompactFlash Socket
1 CF socket on IDE 0 (Primary/Master)
Peripheral
USB
2 USB 2.0
Serial
1 RS-232
K/B, Mouse, LPT, CRT, COM
Pin headers
Power
Watt
65 W
Input
100 ~ 240 V AC, auto-range
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 75° C (-4 ~ 167° F)
Humidity
5 ~ 85 % @ 40° C (104° F)
5 ~ 95 %
Physical
Dimensions (W x H x D)
252 x 44 x 167 mm (9.9" x 1.7" x 6.6")
Weight
1.2 kg (2.6 lb)
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - FWA-710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-710 ADVANTECH-FWA-710 Datasheet
1Mb / 2P
Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
31-Oct-2007
FWA-710E ADVANTECH-FWA-710E Datasheet
1Mb / 2P
Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
31-Oct-2007
More results

Similar Description - FWA-710

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-240 ADVANTECH-AIMB-240 Datasheet
300Kb / 2P
Intel짰 Pentium짰 4 Processor-based Mini-ITX Motherboard with 6 COM and Dual LAN
FWA-700 ADVANTECH-FWA-700 Datasheet
1Mb / 2P
Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
31-Oct-2007
FWA-3140 ADVANTECH-FWA-3140 Datasheet
1Mb / 2P
1U Rackmount Intel짰 Pentium짰 4 Processor-based Platform with 4 PCI LAN Ports/2 PCI Expansion Slots
FWA-3700 ADVANTECH-FWA-3700 Datasheet
1Mb / 2P
1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-3710 ADVANTECH-FWA-3710 Datasheet
689Kb / 2P
1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-3800 ADVANTECH-FWA-3800 Datasheet
869Kb / 2P
1U Rackmount Intel짰 Core?? Duo Processor-based Platform with 6 PCIe LAN Ports
FWA-6480 ADVANTECH-FWA-6480 Datasheet
783Kb / 2P
Two Dual/Quad-Core Intel짰 Xeon짰 Processor-based 2U Rackmount Platform with up to 8 PCIe GbE LAN Ports
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
FWA-1330 ADVANTECH-FWA-1330_15 Datasheet
514Kb / 2P
Tabletop Intel짰 Bay Trail Processors-based Platform with 4 GbE LAN Ports
FWA-1011 ADVANTECH-FWA-1011 Datasheet
506Kb / 2P
Tabletop Network Appliance with Intel Celeron짰 J3455/J3355 processor Platform with 6GbE LAN Ports
8-Apr-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com