Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE50912AMA+ Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE50912AMA+
Description  Low noise, fast response 500mA LDO regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50912AMA+ Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE50912AMA+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50912AMA+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50912AMA+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50912AMA+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50912AMA+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50912AMA+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50912AMA+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50912AMA+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50912AMA+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
                                                                                                                      
ACE509
                        Technology
Low noise, fast response 500mA LDO regulator
VER 1.2 2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input Voltage
10
V
Output Current
500
mA
Power Dissipation
SOT-23-5
SOT-23-3
SOT-89-3
TO-92
250
200
500
350
mW
Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Packaging Type
SOT-23-5
SOT-23-3
SOT-89-3
TO-92
5
4
3
1
2
3
1
2
1
2
3
1 2 3
Pin
SOT-23-5
SOT-23-3
SOT-89-3(A)
SOT-89-3(B)
TO-92
Function
VOUT 
5
2
1
3
3
Output pin
VDD 
1
3
3
2
1
Input Pin
VSS 
2
1
2
1
2
Ground Pin
CE 
3
Chip Enable Pin
NC 
4
No Connection
Ordering information
Selection Guide
ACE509 XX XX + H
BN: SOT-23-5
BM: SOT-23-3
AMA: SOT-89-3A
AMB: SOT-89-3B
EP: TO-92
Output Voltage: 
1.2V/1.5V…..4.5V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com