Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2106L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # CS2106L
Description  50/60 Hz Current Sensing Transforme
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS2106L Datasheet(HTML) 1 Page - Coilcraft lnc.

  CS2106L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
50/60HzCurrentSensing Transformer
Document 150
Document 150
Revised 12/29/09
This Coilcraft current sense transformer is intended for
use in measuring 50/60 Hz line currents from 0.5 to
20 Amperes rms. Typical application shown below yields
an output of 0.1 Volt per Ampere. The sensitivity may
be changed by adjusting the value of the terminating
resistance (RT). These parts also can be used to mea-
sure 400 Hz line currents.
To request free evaluation samples, contact Coilcraft
or visit www.coilcraft.com.
RT
Vout
CS2106
1
2
3
4
8
5
Iin
Weight:
19 g
Terminations: Tin-silver over copper
Packaging:
30 per tray
Typical Circuit
Frequency
Sensed
R
T for
Part
Turns (N)
Inductance1
DCR max (Ohms)
range2
current
1.0 V
out
number
pri : sec
min (mH)
1,2 – 3,4
8 – 5
(Hz)
range I
in
from 10 A I
in
3
CS2106L
1 : 500
75
0.007
26
50 – 400
0.5 A – 20 A
68 Ohms
1. Inductance is for the secondary, tested at 1 kHz, 0.1 Vrms.
2. Square wave response deteriorates above and below this frequency.
3. Varying terminating resistance increases or decreases output Voltage/Ampere in approximate proportion to the ratio RT / 68.
4. Operating temperature range –40°C to +85°C.
5. Electrical specifications at 25°C.
0
0.5
1.0
1.5
2.0
0
5
10
15
20
Current (Amperes rms)
Typical Response (with RT = 68 Ohms)


Similar Part No. - CS2106L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS2106L COILCRAFT-CS2106L Datasheet
325Kb / 1P
50/60 Hz Current Sense Transformer
CS2106L COILCRAFT-CS2106L_15 Datasheet
325Kb / 1P
50/60 Hz Current Sense Transformer
More results

Similar Description - CS2106L

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
ASM-010 TALEMA-ASM-010 Datasheet
47Kb / 1P
Current Sensor for 50/60 Hz
logo
PREMO CORPORATION S.L
TC-1012505 PREMO-TC-1012505 Datasheet
231Kb / 2P
50/60 Hz industrial Current Transformer up to 600A
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
CST-1015 TRIAD-CST-1015 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
CST-1020 TRIAD-CST-1020 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
logo
Coilcraft lnc.
CS2106L COILCRAFT-CS2106L_15 Datasheet
325Kb / 1P
50/60 Hz Current Sense Transformer
CS60-050L COILCRAFT-CS60-050L_16 Datasheet
279Kb / 1P
50/60 Hz Current Sensor
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
50/60 HZ TRANSFORMERS
RL-7100 RENCO-RL-7100 Datasheet
1Mb / 3P
LOW COST 50/60 Hz CURRENT SENSORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com