Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34AA02 Datasheet(PDF) 13 Page - Microchip Technology

Part # 34AA02
Description  2K I2C??Serial EEPROM Software Write-Protect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 34AA02 Datasheet HTML 9Page - Microchip Technology 34AA02 Datasheet HTML 10Page - Microchip Technology 34AA02 Datasheet HTML 11Page - Microchip Technology 34AA02 Datasheet HTML 12Page - Microchip Technology 34AA02 Datasheet HTML 13Page - Microchip Technology 34AA02 Datasheet HTML 14Page - Microchip Technology 34AA02 Datasheet HTML 15Page - Microchip Technology 34AA02 Datasheet HTML 16Page - Microchip Technology 34AA02 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2010 Microchip Technology Inc.
DS22029E-page 13
34AA02/34LC02
TABLE 7-2:
ACKNOWLEDGE TABLE FOR WRITE OR WRITE PROTECTION WITH R/W = 0
TABLE 7-3:
ACKNOWLEDGE TABLE FOR WRITE OR WRITE PROTECTION WITH R/W = 1
TABLE 7-1:
SOFTWARE WRITE PROTECTION INSTRUCTION SET WP = 0
Address Pins
Device Type Identifier
Chip Select Bits
R/W
A2
A1
A0
B7
B6
B5
B4
B3
B2
B1
B0
SWP
VSS
VSS
VHV
0
110
0
0
1
0
CSWP
VSS
VCC
VHV
0
110
0
1
1
0
PSWP
A2
A1
A0
0
110
A2
A1
A0
0
Read SWP
VSS
VSS
VHV
0
110
0
0
1
1
Read CSWP
VSS
VCC
VHV
0
110
0
1
1
1
Read PSWP
A2
A1
A0
0
110
A2
A1
A0
1
1.
A0 is used to detect VHV for the SWP and CSWP commands.
2.
B3, B2 and B1 are compared to the A2, A1 and A0 external pins, respectively on the 34XX02.
Status
Write-
Protect
Instruction
ACK
Address
ACK
Data Byte
ACK
Write
Cycle
Permanently Protected
x
PSWP
, SWP, CSWP
No
Ack
Don’t Care
No
Ack
Don’t Care
No Ack
No
PAGE
or BYTE
WRITE
in lower 128
bytes
Ack
Address
Ack
Data
No Ack
No
Protected with SWP
0
SWP
No
Ack
Don’t Care
No
Ack
Don’t Care
No Ack
No
CSWP
Ack
Don’t Care
Ack
Don’t Care
Ack
Yes
PSWP
Ack
Don’t Care
Ack
Don’t Care
Ack
Yes
PAGE
or BYTE
WRITE
in lower 128
bytes
Ack
Address
Ack
Data
No Ack
No
1
SWP
No
Ack
Don’t Care
No
Ack
Don’t Care
No Ack
No
CSWP
Ack
Don’t Care
Ack
Don’t Care
No Ack
No
PSWP
Ack
Don’t Care
Ack
Don’t Care
No Ack
No
PAGE
or BYTE
WRITE
Ack
Address
Ack
Data
No Ack
No
Not Protected
0
PSWP
, SWP, or CSWP
Ack
Don’t Care
Ack
Don’t Care
Ack
Yes
PAGE
or BYTE
WRITE
Ack
Address
Ack
Data
Ack
Yes
1
PSWP
, SWP, or CSWP
Ack
Don’t Care
Ack
Don’t Care
No Ack
No
PAGE
or BYTE
WRITE
Ack
Address
Ack
Address
No Ack
No
Status
Instruction
ACK
Permanently Protected
PSWP
, SWP, CSWP
No Ack
Protected with SWP
SWP
No Ack
CSWP
Ack
PSWP
Ack
Not protected
PSWP
, SWP, CSWP
Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com