Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F87J90 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F87J90
Description  64/80-Pin, High-Performance Microcontrollers with LCD Driver and nanoWatt Technology
PDF  450 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F87J90 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F87J90 Datasheet HTML 17Page - Microchip Technology PIC18F87J90 Datasheet HTML 18Page - Microchip Technology PIC18F87J90 Datasheet HTML 19Page - Microchip Technology PIC18F87J90 Datasheet HTML 20Page - Microchip Technology PIC18F87J90 Datasheet HTML 21Page - Microchip Technology PIC18F87J90 Datasheet HTML 22Page - Microchip Technology PIC18F87J90 Datasheet HTML 23Page - Microchip Technology PIC18F87J90 Datasheet HTML 24Page - Microchip Technology PIC18F87J90 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 450 page
background image
 2010 Microchip Technology Inc.
DS39933D-page 21
PIC18F87J90 FAMILY
TABLE 1-4:
PIC18F8XJ90 PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number Pin
Type
Buffer
Type
Description
TQFP
MCLR
9
I
ST
Master Clear (input) or programming voltage (input). This
pin is an active-low Reset to the device.
OSC1/CLKI/RA7
OSC1
CLKI
RA7
49
I
I
I/O
CMOS
CMOS
TTL
Oscillator crystal or external clock input.
Oscillator crystal input.
External clock source input. Always associated
with pin function, OSC1. (See related OSC1/CLKI,
OSC2/CLKO pins.)
General purpose I/O pin.
OSC2/CLKO/RA6
OSC2
CLKO
RA6
50
O
O
I/O
—
—
TTL
Oscillator crystal or clock output.
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode.
In EC modes, OSC2 pin outputs CLKO, which has
1/4 the frequency of OSC1 and denotes the
instruction cycle rate.
General purpose I/O pin.
PORTA is a bidirectional I/O port.
RA0/AN0
RA0
AN0
30
I/O
I
TTL
Analog
Digital I/O.
Analog Input 0.
RA1/AN1/SEG18
RA1
AN1
SEG18
29
I/O
I
O
TTL
Analog
Analog
Digital I/O.
Analog Input 1.
SEG18 output for LCD.
RA2/AN2/VREF-
RA2
AN2
VREF-
28
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog Input 2.
A/D reference voltage (low) input.
RA3/AN3/VREF+
RA3
AN3
VREF+
27
I/O
I
I
TTL
Analog
Analog
Digital I/O.
Analog Input 3.
A/D reference voltage (high) input.
RA4/T0CKI/SEG14
RA4
T0CKI
SEG14
34
I/O
I
O
ST
ST
Analog
Digital I/O.
Timer0 external clock input.
SEG14 output for LCD.
RA5/AN4/SEG15
RA5
AN4
SEG15
33
I/O
I
O
TTL
Analog
Analog
Digital I/O.
Analog Input 4.
SEG15 output for LCD.
RA6
See the OSC2/CLKO/RA6 pin.
RA7
See the OSC1/CLKI/RA7 pin.
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
I2C™ = I2C/SMBus
Note 1: Default assignment for CCP2 when the CCP2MX Configuration bit is set.
2: Alternate assignment for CCP2 when the CCP2MX Configuration bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com