Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84102K Datasheet(PDF) 2 Page - EPCOS

Part # B84102K
Description  EMC filters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84102K Datasheet(HTML) 2 Page - EPCOS

  B84102K Datasheet HTML 1Page - EPCOS B84102K Datasheet HTML 2Page - EPCOS B84102K Datasheet HTML 3Page - EPCOS B84102K Datasheet HTML 4Page - EPCOS B84102K Datasheet HTML 5Page - EPCOS B84102K Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-line filters
B84102K
for general-purpose applications
Power line filters for 1-phase systems
Rated voltage 250 V DC/AC, 50/60 Hz
Rated current 1 to 6 A
Construction
■ Plastic case
■ Filter comprises current-compensated choke
Features
■ High insertion loss
Applications
■ Industrial equipment and small-size systems
■ DC applications
Terminals
■ Finger-safe terminal blocks
Marking
Marking on component:
Manufacturer’s logo, ordering code,
rated voltage, rated current, rated temperature,
climatic category, date code
Minimum marking on packaging:
Manufacturer’s logo, ordering code
Circuit diagram
LINE
L
N
LOAD
L’
N’
SSB2219-E
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com