Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE809 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE809
Description  3-Pin Microprocessor Reset Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE809 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE809 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE809 Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
 
                                                                                                                      
ACE809
                        Technology
3-Pin Microprocessor Reset Circuits
VER 1.2
3
Recommended Work Conditions
Item
Min
Typ.
Max
Unit
Input Voltage (Vin)
2.0
5.5
V
Junction Temperature (TJ)
0~125
℃
Electrical Characteristics
Parameter
Symbol
Test
Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Vcc
2.0
5.5
V
Supply Current
Icc
18
25
uA
Reset Threshold
VTH
ACE809-4.63
ACE809-4.38
ACE809-4.00
ACE809-3.08
ACE809-2.93
ACE809-2.63
4.54
4.29
3.92
3.02
2.87
2.58
4.63
4.38
4.00
3.08
2.93
2.63
4.72
4.47
4.08
3.14
2.99
2.68
V
Reset Threshold Temperature Coefficient
(Note)
30
ppm/
℃
Vcc to Reset Delay Vcc=VTH to
(VTH-100mV)
20
usec
Reset Active Timeout Period
240
msec
RESET Output Voltage Low
VOL
ISINK=3mA
0.4
V
RESET Output Voltage High
VOH
ISOURCE=800uA
0.8Vcc
V
Typical
Applications
Vcc
C=0.1uF
Vcc
Vcc
ACE809
Processor
RESET
RESET Input
GND
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com