Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84131 Datasheet(PDF) 3 Page - EPCOS

Part # B84131
Description  EMC filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84131 Datasheet(HTML) 3 Page - EPCOS

  B84131 Datasheet HTML 1Page - EPCOS B84131 Datasheet HTML 2Page - EPCOS B84131 Datasheet HTML 3Page - EPCOS B84131 Datasheet HTML 4Page - EPCOS B84131 Datasheet HTML 5Page - EPCOS B84131 Datasheet HTML 6Page - EPCOS B84131 Datasheet HTML 7Page - EPCOS B84131 Datasheet HTML 8Page - EPCOS B84131 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-line filters
B84131
for installations and systems
Technical data and measuring conditions
Rated voltage VR
440/250 V AC, 50/60 Hz
Rated current IR
Referred to 40
°C ambient temperature
Test voltage Vtest
1770 V DC, 2 s (line/line)
2700 V DC, 2 s (lines/case)
Leakage current lleak
At 400 V AC, 50 Hz
Climatic category (IEC 60068-1)
25/085/21 (–25
°C/+85 °C/21 days damp heat test)
Approvals
EN 133200, UL 1283, CSA C22.2 No.8
Characteristics and ordering codes
VR
AC
V
IR
A
Ileak
mA
Approx.
weight
kg
Ordering code
Approvals
440/250
6
< 3.5
0.8
B84131A0006A001
×
–
16
< 3.5
1.5
B84131M0003A116
×
25
< 3.5
2.3
B84131M0001G125
×
35
< 3.5
2.3
B84131M0001G135
×
35
< 3.5
2.3
B84131M0001H135
–
×
50
< 3.5
4.5
B84131M0002G150
×
63
< 3.5
4.5
B84131M0002G163
×
80
< 3.5
12.5
B84131M0004G180
×
–
125
< 3.5
12.5
B84131M0004G225
×
–
–
×
×
×
×
×
×
×
×
×
×
–
–
× = approval granted
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com