Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84134F Datasheet(PDF) 2 Page - EPCOS

Part # B84134F
Description  EMC filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84134F Datasheet(HTML) 2 Page - EPCOS

  B84134F Datasheet HTML 1Page - EPCOS B84134F Datasheet HTML 2Page - EPCOS B84134F Datasheet HTML 3Page - EPCOS B84134F Datasheet HTML 4Page - EPCOS B84134F Datasheet HTML 5Page - EPCOS B84134F Datasheet HTML 6Page - EPCOS B84134F Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-line filters
B84134F
for installations and systems
Power line filters for 3-phase systems
with additional LF suppression
Rated voltage 440/250 V AC, 50/60 Hz
Rated current 12 A
Construction
■ 4-line filter
■ Metal case
Features
■ Compact design
■ UL and CSA approval
Applications
■ Switch-mode power supplies for traction
■ Industrial installations, computers
Terminals
■ Tab connectors 6.3 × 0.8 mm
Marking
Marking on component:
Manufacturer’s logo, ordering code,
rated voltage, rated current,
date code
Minimum marking on packaging:
Manufacturer’s logo, ordering code
Circuit diagram
LINE
LOAD
L1
L1’
L2
L2 ’
L3
L3 ’
N
N’
SSB1067-G
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com