Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC09E Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC09E
Description  9mm Size Metal Shaft Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC09E Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC09E Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC09E Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7
(
15)
19.5
1.2
7
4.5
3.5
Mounting surface
Incremental
Type
Absolute
Type
180
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Dimensions
Unit:mm
10.2
1.7
4.4
2.4
7.8
(
Flame)
(
Terminal)
¿2 Center hole
5
-¿1 holes
D
E
C
A
B
4
-¿1.2 holes
Without switch type
Photo
No.
1
PC board mounting hole dimensions
(Viewed from mounting face)
With push-on switch
(travel 0.5/1.5mm)
2
Style
9.5
Dummy
11.5
10.5
B
C
A
9mm Size Metal Shaft Type
EC09E Series
Products other than those listed in the above chart are also available. Please contact us for details.
Product Line
Note
10mA 5V DC
15,000cycles
Rating
Items
Specifications
Operating life
Typical Specifications
Flat
20
15
15
30
Without
8
±5
Vertical
EC09E1520406
1
With
EC09E1524405
2
EC09E1524404
0.5
1.5
Product No.
Drawing
No.
700
Minimum
order unit
(pcs.)
Number
of detent
Number
of pulse
Actuator
configuration
Actuator
length
(mm)
Push-on
switch
Travel of push-on
switch
(mm)
Operating
direction
Detent
torque
(mN・m)
A compact 9.5mm size and round shape contribute to space saving.
Encoder
(
20)
24.5
4.5
3.5
0.5 or 1.5
Switch travel
10
7
Mounting surface
1.2
1.2
9.5
11.5
10.5
B
A
C
D
E


Similar Part No. - EC09E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC09E ALPS-EC09E Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
EC09E1520406 ALPS-EC09E1520406 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC09E1520407 ETC-EC09E1520407 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
EC09E1524404 ALPS-EC09E1524404 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
EC09E1524405 ALPS-EC09E1524405 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
More results

Similar Description - EC09E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11 Datasheet
596Kb / 9P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
20mm Size Metal Shaft Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
9mm Size Insulated Shaft Snap-in Type
RK09L ALPS-RK09L Datasheet
346Kb / 6P
9mm Size Metal Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
9mm Size Insulated Shaft Long-life Type
RK097 ALPS-RK097 Datasheet
819Kb / 14P
9mm Size Metal Shaft Multi-ganged Type
RK203 ALPS-RK203 Datasheet
235Kb / 3P
20mm Size Metal Shaft Type
EC09E ALPS-EC09E_15 Datasheet
764Kb / 4P
9mm Size Metal Shaft Type
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
11mm Size Metal Shaft Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
20mm Size Metal Shaft Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com