Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVA-X4300 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EVA-X4300
Description  Highly Integrated x86 SoC for Industrial Embedded Platforms
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EVA-X4300 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EVA-X4300 Datasheet HTML 1Page - Advantech Co., Ltd. EVA-X4300 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
EVA-X4300
32 KB
D/I Cache
North
Bridge
SDR/DDRII
SDRAM
Controller
SPI
Controller
MAC
USB
IDE
Memory
interface
USB
interface
PCI Bus
PCI
IDE
interface
LAN
JTAG
interface
South
Bridge
WDT
Interrupt
Controller
ISA Bus
RTC
GPIO
Controller
PWM
Timer
Counter
UART
Programable
Chip Select
GPCS
GPIO
PWM
UART
WDTO
256 KB
Flash
PHY
DMA
Controller
Parallel
Port
Keyboard
Mouse
Controller
SPP /EPP /ECP
Keyboard
Mouse
LPC
LPC
interface
SPI
interface
External
RTC
32-bit
x86-based CPU
300 MHz
General Purpose I/O
Up to 40 GPIO, 8 dedicated and 32 multi-functional programmable I/O pins
GPIO pins can be individually configured as inputs, outputs, or as interrupt trigger sources
Open-drain with a pull-high 75 K
W
SPI Interface
Supports external SPI flash as data storage
Real Time Clock
Internal RTC or External RTC
Under 2 uA power consumption on Internal Mode
Parallel Port
Supports SPP / EPP / ECP mode
PS/2 Keyboard and Mouse Interface
Compatible with 8042 controller
Stacked 256 KB Flash
Internal SPI interface, for BIOS storage
Speaker Out
Buzzer
Input Clock
14.318 MHz, 32.768 KHz
Output Clock
24 MHz, 25 MHz, 14.318 MHz
PCI clock, ISA clock, SDRAM clock
Operating Voltage Range
Core Voltage: 1.32 V ± 5 %
I/O Voltage: 1.8 V ± 5 %, 3.3 V ± 10 %
Operating Temperature
-20° C ~ 85° C
Power Consumption
Approx. 1.2 Watt
Package Type
PBGA, 581 balls, Lead-free, RoHS compliant
Dimensions: 27 mm x 27 mm x 2.23 mm
Ordering Information
Part Number
Description
EVA-X43000C-C00E
EVA-X4300
EVA-X43000C-CB0E
EVA-X4300 bundle with BIOS license
Part Number
Description
EVA-X43000C-V00E
EVA-X4300 bundle with VGA chip
EVA-X43000C-VB0E
EVA-X4300 bundle with VGA chip and BIOS license



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com