Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE2305 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE2305
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2305 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE2305 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2305 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2305 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2305 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2305 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2305 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE2305 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE2305 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE2305
Technology
P-Channel Enhancement Mode MOSFET
VER 1.2
1
Description
The ACE2305 is the P-Channel logic enhancement mode power field effect transistors are produced
using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone and notebook
computer power management and Battery powered circuits, and low in-line power loss are needed in a
very small outline surface mount package.
Features
• -15V/-3.5A, R
DS(ON)=70mΩ@VGS=-4.5V
• -15V/-3.0A, R
DS(ON)=85mΩ@VGS=-2.5V
• -15V/-2.0A, R
DS(ON)=105mΩ@VGS=-1.8V
• Super high density cell design for extremely low R
DS(ON)
• Exceptional on-resistance and maximum DC current capability
• SOT-23-3L package design
Application
• Power Management in Note book
• Portable Equipment
• Battery Powered System
• DC/DC Converter
• Load Switch
• DSC
• LCD Display inverter
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol Typical Unit
Drain-Source Voltage
VDSS
-15
V
Gate-Source Voltage
VGSS
±
12
V
TA=25℃
-3.5
Continuous Drain Current (TJ=150℃)
TA=70℃
ID
-2.8
A
Pulsed Drain Current
IDM
-10
A
Continuous Source Current (Diode Conduction)
IS
-1.6
A
TA=25℃
1.25
Power Dissipation
TA=70℃
PD
0.8
W
Operating Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG -55/150 ℃
Thermal Resistance-Junction to Ambient
RθJA
120
℃
/W


Similar Part No. - ACE2305

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE2305 ACE-ACE2305 Datasheet
437Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.3
ACE2305B ACE-ACE2305B Datasheet
940Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE2305BM+H ACE-ACE2305BM+H Datasheet
437Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.3
ACE2305 ACE-ACE2305_12 Datasheet
437Kb / 7P
P-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE2305

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com