Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3401 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE3401
Description  P-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE3401 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE3401 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE3401 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE3401 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE3401 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE3401 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE3401 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE3401 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE3401 Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE3401
Technology
P-Channel Enhancement Mode MOSFET
VER 1.2
3
Electrical Characteristics
(TA=25 ,
Unless otherwise noted)
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage V(BR)DSS
VGS=0V, ID=-250uA
-30
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=-250uA
-0.4
-1.0
V
Gate Leakage Current
IGSS
VDS=0.V, VGS=±12V
±100
nA
VDS=-24V, VGS=0V
-1
Zero Gate Voltage Drain Current
IDSS
VDS=-24V, VGS=0V TJ=55℃
-10
uA
On-State Drain Current
ID(ON)
VDS≦-5V, VGS=-10V
-10
A
VGS=-10V, ID=-4.0A
0.045 0.055
VGS=-4.5V, ID=-3.2A
0.050 0.065
Drain-Source On-Resistance
RDS(ON)
VGS=-2.5V, ID=-1.2A
0.060 0.075
Forward Transconductance
Gfs
VDS=-5.0V, ID=-4.0A
10
S
Diode Forward Voltage
VSD
IS=-1.0A, VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
14
21
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
VDS=-15V, VGS=-10V,
ID≣-4.0A
3.7
nC
Input Capacitance
Ciss
540
Output Capacitance
Coss
131
Reverse Transfer Capacitance
Crss
VDS=-15V, VGS=0V,
f=1MHz
105
pF
td(on)
10
15
Turn-On Time
tr
15
25
td(off)
31
50
Turn-Off Time
tf
VDD=-15V, RL=15Ω
ID≡-1.0A, VGEN=-10V
RG=6Ω
20
30
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com